Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LGAM Datasheet(PDF) 4 Page - TT Electronics.

Part # OVTL09LGAM
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LGAM Datasheet(HTML) 4 Page - TT Electronics.

  OVTL09LGAM Datasheet HTML 1Page - TT Electronics. OVTL09LGAM Datasheet HTML 2Page - TT Electronics. OVTL09LGAM Datasheet HTML 3Page - TT Electronics. OVTL09LGAM Datasheet HTML 4Page - TT Electronics. OVTL09LGAM Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Issue A.5 08/06
Page 4 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1.0
0.8
0.6
0.4
0.2
0.0
780
380
430
480
530
580
630
680
730
Wavelength (nm)
Input Current = 1.05 A, TJ = 25°C
Wavelength Characteristics
1.0
0.8
0.6
0.4
0.2
0.0
380
430
480
530
580
630
680
730
780
Wavelength (nm)
Input Current = 1.05 A, TJ = 25°C
Wavelength Characteristics
Forward Current (% of rating)
Forward Current Characteristics
11
10
9
8
7
6
0
20
40
60
80
100
120
Ambient Temperature °C
Derating Curves - Blue, Green and White LEDs
120
100
80
60
40
20
Derating of continuous forward current must be observed to
prevent maximum junction temperature from being exceeded.
0
20
40
60
80
100
120
140
Typical Electro-Optical Characteristics Curves
Derating Curves - Amber and Red LEDs
Ambient Temperature °C
0
20
40
60
80
100
120
140
120
100
80
60
40
20
Derating of continuous forward current must be observed to
prevent maximum junction temperature from being exceeded.
5000 °K
Junction Temperature °C
Luminosity normalized to TJ = 25°C
Junction Temperature Characteristics
-
0
20
40
60
80
100 120 140 160
2
1.6
1.2
0.8
0.4
0
10-Watt Lednium SMD
OVTL09LGx Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com