Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTLZ1LGAWW Datasheet(PDF) 1 Page - TT Electronics.

Part # OVTLZ1LGAWW
Description  Optimal I Star Series 1-watt LED on MCPCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTLZ1LGAWW Datasheet(HTML) 1 Page - TT Electronics.

  OVTLZ1LGAWW Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.5 05/08
Page 1 of 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Optimal I Star Series
1-watt LED on MCPCB
OVTLZ1LGAxx
x
Customized for Optek Lednium Series 1-watt device
x
Low thermal resistance (4.9
°C/W junction to heatsink)
x
Exceptional thermal conductivity with metal core PCB
x
Soldering points provided for electrical connections
x
Locating slots for M3 screws
Product Photo Here
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
Part Number
Viewing Angle
Emitted Color
Typical Luminous
Flux (lm)
Typical Forward Voltage (V)
@ 350mA
OVTLZ1LGAB
135°
Blue 460nm
12
3.4
OVTLZ1LGAG
Green 515nm
60
3.6
OVTLZ1LGAR
Red 625nm
45
2.3
OVTLZ1LGAA
Amber 595nm
35
2.3
OVTLZ1LGAW
Cool White 7000K
65
3.4
OVTLZ1LGAWD
Daylight White 5800K
60
3.4
OVTLZ1LGAWW
Warm White 3500K
50
3.4
OVTLZ1LGAC
Cyan 505nm
40
3.6
Package Dimensions
Notes:
x
Test conditions: IF=350mA; TJ<130°C
x
All dimensions are in inches [millimeters].
x
Additional thermal management required.
x
Packaged in ESD shielded tube, 10 units per tube
x
Two pads available for each polarity
x
All electrical and optical characteristics of the LED remain the
same as specified by the corresponding datasheet
(OVTL01LGA Series).


Similar Part No. - OVTLZ1LGAWW

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL01LGAA OPTEK-OVTL01LGAA Datasheet
1Mb / 10P
1-Watt Cup Series Flush Mount and Surface Mount Packages
logo
TT Electronics.
OVTL01LGAA TTELEC-OVTL01LGAA Datasheet
751Kb / 10P
Lednium Series Optimal I
logo
OPTEK Technologies
OVTL01LGAAS OPTEK-OVTL01LGAAS Datasheet
1Mb / 10P
1-Watt Cup Series Flush Mount and Surface Mount Packages
logo
TT Electronics.
OVTL01LGAAS TTELEC-OVTL01LGAAS Datasheet
751Kb / 10P
Lednium Series Optimal I
logo
OPTEK Technologies
OVTL01LGAB OPTEK-OVTL01LGAB Datasheet
1Mb / 10P
1-Watt Cup Series Flush Mount and Surface Mount Packages
More results

Similar Description - OVTLZ1LGAWW

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA31 CML-CMDA31 Datasheet
383Kb / 1P
Power LED (1 Watt) on Star PCB
CMDA37 CML-CMDA37 Datasheet
588Kb / 1P
Power LED (2.5 Watt) on Star PCB
CMDA52XX15D13L CML-CMDA52XX15D13L Datasheet
426Kb / 1P
Power LED (5 Watt) on Star PCB
logo
List of Unclassifed Man...
CMDA31RGB15D13L ETC2-CMDA31RGB15D13L Datasheet
489Kb / 17P
Power LED on Star PCB 1 Watt - Full Color Emitter (Red, Green, Blue)
logo
Vishay Siliconix
VLMK71ABAD-GS08 VISHAY-VLMK71ABAD-GS08 Datasheet
188Kb / 9P
Little Star® 1 Watt Power SMD LED
05-Mar-08
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
high luminous efficacy star mcpcb cob 6w led
logo
TT Electronics.
OVTL01LGAX TTELEC-OVTL01LGAX Datasheet
751Kb / 10P
Lednium Series Optimal I
OV4ZXXXX TTELEC-OV4ZXXXX Datasheet
1Mb / 6P
Optimal IV Star Series Mono-Color, Multi-LED
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
Optimal XIV Star Series White, Multi-LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com