Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT14
Description  Hex Inverter with Schmitt Trigger Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT14 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT14 Datasheet HTML 1Page - ON Semiconductor 74ACT14 Datasheet HTML 2Page - ON Semiconductor 74ACT14 Datasheet HTML 3Page - ON Semiconductor 74ACT14 Datasheet HTML 4Page - ON Semiconductor 74ACT14 Datasheet HTML 5Page - ON Semiconductor 74ACT14 Datasheet HTML 6Page - ON Semiconductor 74ACT14 Datasheet HTML 7Page - ON Semiconductor 74ACT14 Datasheet HTML 8Page - ON Semiconductor 74ACT14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC14, 74ACT14 • Rev. 1.7.2
February 2011
74AC14, 74ACT14
Hex Inverter with Schmitt Trigger Input
Features
■ ICC reduced by 50%
■ Outputs source/sink 24mA
■ 74ACT14 has TTL-compatible inputs
General Description
The 74AC14 and 74ACT14 contain six inverter gates
each with a Schmitt trigger input. They are capable of
transforming slowly changing input signals into sharply
defined, jitter-free output signals. In addition, they have a
greater noise margin than conventional inverters.
The 74AC14 and 74ACT14 have hysteresis between the
positive-going and negative-going input thresholds (typi-
cally 1.0V) which is determined internally by transistor
ratios and is essentially insensitive to temperature and
supply voltage variations.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Order
Number
Package
Number
Package Description
74AC14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC14SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT14SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com