Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC04PC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74AC04PC
Description  Hex Inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC04PC Datasheet(HTML) 2 Page - ON Semiconductor

  74AC04PC Datasheet HTML 1Page - ON Semiconductor 74AC04PC Datasheet HTML 2Page - ON Semiconductor 74AC04PC Datasheet HTML 3Page - ON Semiconductor 74AC04PC Datasheet HTML 4Page - ON Semiconductor 74AC04PC Datasheet HTML 5Page - ON Semiconductor 74AC04PC Datasheet HTML 6Page - ON Semiconductor 74AC04PC Datasheet HTML 7Page - ON Semiconductor 74AC04PC Datasheet HTML 8Page - ON Semiconductor 74AC04PC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
tm
September
2007
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC04, 74ACT04 Rev. 1.0
74AC04, 74ACT04
Hex Inverter
Features
■ ICC reduced by 50% on 74AC only
■ Outputs source/sink 24mA
■ ACT04 has TTL-compatible inputs
General Description
The AC/ACT04 contains six inverters.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. (PC not available in
Tape and Reel.)
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order
Number
Package
Number
Package Description
74AC04SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC04SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC04PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT04SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT04PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An
Inputs
On
Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com