Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC541SC Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74AC541SC
Description  Octal Buffer/Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC541SC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74AC541SC Datasheet HTML 3Page - ON Semiconductor 74AC541SC Datasheet HTML 4Page - ON Semiconductor 74AC541SC Datasheet HTML 5Page - ON Semiconductor 74AC541SC Datasheet HTML 6Page - ON Semiconductor 74AC541SC Datasheet HTML 7Page - ON Semiconductor 74AC541SC Datasheet HTML 8Page - ON Semiconductor 74AC541SC Datasheet HTML 9Page - ON Semiconductor 74AC541SC Datasheet HTML 10Page - ON Semiconductor 74AC541SC Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC541, 74ACT541 Rev. 1.5.0
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
7. Voltage range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
3.3
2.0
5.5
8.0
1.5
9.0
ns
5.0
1.5
4.0
6.0
1.0
6.5
tPHL
Propagation Delay,
Data to Output
3.3
2.0
5.5
8.0
1.5
8.5
ns
5.0
1.5
4.0
6.0
1.0
6.5
tPZH
Output Enable Time
3.3
3.0
8.0
11.5
3.0
12.5
ns
5.0
2.0
6.0
8.5
1.5
9.5
tPZL
Output Enable Time
3.3
2.5
7.0
10.0
2.5
11.5
ns
5.0
1.5
5.5
7.5
1.0
8.5
tPHZ
Output Disable Time
3.3
3.5
9.0
12.5
2.5
14.0
ns
5.0
2.0
7.0
9.5
1.0
10.5
tPLZ
Output Disable Time
3.3
2.5
6.5
9.5
2.0
10.5
ns
5.0
2.0
5.5
7.5
1.0
8.5
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min
Max
tPLH
Propagation Delay,
Data to Output
5.0
2.0
4.5
7.0
2.0
7.5
ns
tPHL
2.0
5.5
7.0
2.0
7.5
tPZH
Output Enable Time
5.0
2.0
5.0
9.0
2.0
9.5
ns
tPZL
2.0
6.5
9.0
2.0
9.5
tPHZ
Output Disable Time
5.0
1.5
5.5
7.5
1.5
8.0
ns
tPLZ
1.5
5.5
7.5
1.5
8.0
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance for AC
VCC = 5.0V
30.0
pF
Power Dissipation Capacitance for ACT
70.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com