Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS22 Datasheet(PDF) 8 Page - Schurter Inc.

Part # MSMCS22
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS22 Datasheet(HTML) 8 Page - Schurter Inc.

  MSMCS22 Datasheet HTML 1Page - Schurter Inc. MSMCS22 Datasheet HTML 2Page - Schurter Inc. MSMCS22 Datasheet HTML 3Page - Schurter Inc. MSMCS22 Datasheet HTML 4Page - Schurter Inc. MSMCS22 Datasheet HTML 5Page - Schurter Inc. MSMCS22 Datasheet HTML 6Page - Schurter Inc. MSMCS22 Datasheet HTML 7Page - Schurter Inc. MSMCS22 Datasheet HTML 8Page - Schurter Inc. MSMCS22 Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Metal Line Switches
MSM CS 22
https://www.schurter.com /PG70
Switches
Diameter
Switching
Current
Switching Voltage Illumination, LED
Housing Ma-
terial
Torsion Protection
Housing/Actuator
Config. Code
Order Number
[mm]
[A]
[VAC/ VDC]
22
0.1 A
30 VDC
Backlighted, green, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL green
1241.7036.1112000
22
0.1 A
30 VDC
Backlighted, blue, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL blue
1241.7036.1114000
22
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL red
1241.7036.1121000
█
22
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL red
1241.7036.1121074
22
5 / 3 A
125 / 250 VAC
Backlighted, green, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL green
1241.7036.1122000
22
5 / 3 A
125 / 250 VAC
Backlighted, blue, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL blue
1241.7036.1124000
█
22
10 A
250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL red
1241.7036.1131000
22
10 A
250 VAC
Backlighted, green, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL green
1241.7036.1132000
22
10 A
250 VAC
Backlighted, blue, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL blue
1241.7036.1134000
22
5 A
250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL red
1241.7036.1181000
22
5 A
250 VAC
Backlighted, green, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL green
1241.7036.1182000
22
5 A
250 VAC
Backlighted, blue, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL blue
1241.7036.1184000
22
10 A
250 VAC
Backlighted, bright red, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL bright
red
3-102-446
22
100 mA
30 VDC
Backlighted, multicolor, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL mul-
ticolor
3-102-774
22
10 A
250 VAC
Backlighted, multicolor, 24 VDC
Stainless
Steel
yes /␣yes
MSM 22 CS BL mul-
ticolor
3-102-776
Legend:
Type:
MSMCS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
IP 65 degree of protection front side contact areadegree of protection rear side contact area IP 40 or IP 67 optional -> see Technical Data Micro Switch
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The MOQ for standard laser lettering on standard variants is 10 pieces.
The nut with gasket and micro switch are enclosed in the box.
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 in box with insert



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com