Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3235 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST4G3235
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST4G3235 Datasheet HTML 3Page - STMicroelectronics ST4G3235 Datasheet HTML 4Page - STMicroelectronics ST4G3235 Datasheet HTML 5Page - STMicroelectronics ST4G3235 Datasheet HTML 6Page - STMicroelectronics ST4G3235 Datasheet HTML 7Page - STMicroelectronics ST4G3235 Datasheet HTML 8Page - STMicroelectronics ST4G3235 Datasheet HTML 9Page - STMicroelectronics ST4G3235 Datasheet HTML 10Page - STMicroelectronics ST4G3235 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ST4G3235
7/13
Table 9: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min.
Max.
tPLH
tPHL
Propagation Delay Time Bn to An
2.3 to 3.6
1.4
CL = 10 pF
2.0
6.5
ns
1.4 to 1.95
1.4
2.0
6.8
2.3 to 3.6
1.65 to 1.95
2.0
5.2
1.4 to 1.95
1.65 to 1.95
2.0
5.6
1.4 to 1.95
2.3 to 2.7
2.0
4.6
1.4 to 1.95
3.0 to 3.6
2.0
4.3
2.3 to 2.7
3.0 to 3.6
1.0
3.6
tPLH
tPHL
Propagation Delay Time Bn to An
2.3 to 3.6
1.4
CL = 30 pF
RL = 500 Ω
2.0
7.5
ns
1.4 to 1.95
1.4
2.0
7.5
2.3 to 3.6
1.65 to 1.95
2.0
6.5
1.4 to 1.95
1.65 to 1.95
2.0
6.7
1.4 to 1.95
2.3 to 2.7
2.0
5.9
1.4 to 1.95
3.0 to 3.6
2.0
5.7
2.3 to 2.7
3.0 to 3.6
1.0
4.9
tPLH
tPHL
Propagation Delay Time An to Bn
2.3 to 3.6
1.4
CL = 10 pF
2.0
5.5
ns
1.4 to 1.95
1.4
2.0
6.0
2.3 to 3.6
1.65 to 1.95
2.0
5.0
1.4 to 1.95
1.65 to 1.95
2.0
5.0
1.4 to 1.95
2.3 to 2.7
2.0
4.6
1.4 to 1.95
3.0 to 3.6
2.0
3.9
2.3 to 2.7
3.0 to 3.6
1.0
3.0
tPLH
tPHL
Propagation Delay Time An to Bn
2.3 to 3.6
1.4
CL = 30 pF
RL = 500 Ω
2.0
7.0
ns
1.4 to 1.95
1.4
2.0
7.5
2.3 to 3.6
1.65 to 1.95
2.0
6.0
1.4 to 1.95
1.65 to 1.95
2.0
6.0
1.4 to 1.95
2.3 to 2.7
2.0
5.6
1.4 to 1.95
3.0 to 3.6
2.0
4.6
2.3 to 2.7
3.0 to 3.6
1.0
4.0
tOSLH
tOSHL
Output To Output Skew Time (note1, 2)
1.8
± 0.15
2.5
± 0.2
CL = 30 pF
RL = 500 Ω
0.5
ns
1.8
± 0.15
3.3
± 0.3
0.5
2.5
± 0.2
3.3
± 0.3
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com