Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1301G Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1301G
Description  Optocoupler with High-Voltage Darlington Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1301G Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1301G Datasheet HTML 1Page - IXYS Corporation CPC1301G Datasheet HTML 2Page - IXYS Corporation CPC1301G Datasheet HTML 3Page - IXYS Corporation CPC1301G Datasheet HTML 4Page - IXYS Corporation CPC1301G Datasheet HTML 5Page - IXYS Corporation CPC1301G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1301-R06
1
CPC1301
Optocoupler with
High-Voltage Darlington Output
Part Number
Description
CPC1301G
4-Pin DIP (100/Tube)
CPC1301GR
4-Pin Surface Mount (100/Tube)
CPC1301GRTR
4-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage - BV
CEO
350
V
P
Current Transfer Ratio - CTR
1000-8000
%
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecom Switching
• Tip/Ring Circuits
• Hook Switch
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ringing Detect
• Current Sensing
• 5000V
rms Input/Output Isolation
• 350V
P Breakdown Voltage
• Small 4-Pin Package
• Surface Mount Tape & Reel Version Available
The CPC1301 is a unidirectional input optocoupler
with a high-voltage Darlington output. Light output
from the highly efficient infrared LED activates the
optically coupled silicon NPN photo-Darlington output
transistor. The input LED and the output transistor are
separated by a 5000V
rms isolation barrier.
With a LED current of only 1mA, a current transfer
ratio of 1000% to 8000% is guaranteed at the
collector of the 350V Darlington output transistor.
The CPC1301's low input current, high current
transfer ratio, high output voltage capability, and
large isolation barrier rating make it ideal for many
applications such as telecom, industrial, and power
control.
Approvals
• UL 1577 Approved Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN 60950 Certified Component:
TUV Certificate B 13 12 82667 003
1
A
K
C
E
2
4
3


Similar Part No. - CPC1301G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1301G CLARE-CPC1301G Datasheet
117Kb / 5P
Optocoupler, High-Voltage Darlington Output
CPC1301GR CLARE-CPC1301GR Datasheet
117Kb / 5P
Optocoupler, High-Voltage Darlington Output
CPC1301GRTR CLARE-CPC1301GRTR Datasheet
117Kb / 5P
Optocoupler, High-Voltage Darlington Output
More results

Similar Description - CPC1301G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1301 CLARE-CPC1301 Datasheet
117Kb / 5P
Optocoupler, High-Voltage Darlington Output
CPC1302 CLARE-CPC1302 Datasheet
119Kb / 5P
Dual Optocoupler, High-Voltage Darlington Output
logo
Vishay Siliconix
H11D1 VISHAY-H11D1_07 Datasheet
120Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
19-Nov-07
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
logo
Vishay Siliconix
H11D1-X007T VISHAY-H11D1-X007T Datasheet
114Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection, High BV Voltage
10-Dec-08
logo
IXYS Corporation
CPC1302 IXYS-CPC1302 Datasheet
121Kb / 6P
Dual Optocoupler High-Voltage Darlington Output
logo
Vishay Siliconix
H11D1 VISHAY-H11D1_V02 Datasheet
196Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
18-Jun-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com