Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1303G Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1303G
Description  Optocoupler with Single-Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1303G Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1303G Datasheet HTML 1Page - IXYS Corporation CPC1303G Datasheet HTML 2Page - IXYS Corporation CPC1303G Datasheet HTML 3Page - IXYS Corporation CPC1303G Datasheet HTML 4Page - IXYS Corporation CPC1303G Datasheet HTML 5Page - IXYS Corporation CPC1303G Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
CPC1303
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements..
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Phototransistor Breakdown Voltage
I
CEO=10µA
BV
CEO
30
-
-
V
P
Phototransistor Output (Dark) Current
V
CEO=5V, IF=0mA
I
CEO
-
25
500
nA
Saturation Voltage
I
C=0.4mA, IF=0.2mA
V
CEsat
-
0.1
0.45
V
I
C=10mA, IF=10mA
-
0.12
0.5
Current Transfer Ratio
I
F=0.2mA, VCE=0.5V
CTR
200
1000
2500
%
Output Capacitance
I
F=0mA, V=25V, f=1MHz
C
OUT
-6
-
pF
Input Characteristics
Input Control Current
I
C=0.4mA, VCE=0.5V
I
F
-
-
0.2
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Reverse Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
V
IO=0V, f=1MHz
C
IO
-3
-
pF
Parameter
Ratings
Units
Breakdown Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Power Dissipation 2
Input 1
150
mW
Phototransistor 2
150
Isolation Voltage, Input to Output
5000
V
rms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / oC
2 Derate linearly 2.00 mW / oC
Characteristic
Symbol
Test Condition
Typ
Units
Turn-On Time
t
on
V
CC=5V, IF=1mA, RL=500
2
s
Turn-Off Time
t
off
8
Switching Characteristics @ 25ºC
Switching Time Test Circuit
V
CC
V
CE
R
L
I
F
Pulse Width=5ms
Duty Cycle=1%
I
F
10%
90%
t on
t off
V
CE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com