Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1465 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1465
Description  SHDSL/ISDN DC Termination IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1465 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1465 Datasheet HTML 1Page - IXYS Corporation CPC1465 Datasheet HTML 2Page - IXYS Corporation CPC1465 Datasheet HTML 3Page - IXYS Corporation CPC1465 Datasheet HTML 4Page - IXYS Corporation CPC1465 Datasheet HTML 5Page - IXYS Corporation CPC1465 Datasheet HTML 6Page - IXYS Corporation CPC1465 Datasheet HTML 7Page - IXYS Corporation CPC1465 Datasheet HTML 8Page - IXYS Corporation CPC1465 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1465-R05
www.ixysic.com
1
CPC1465
SHDSL/ISDN DC Termination IC
Features
• Meets wetting (sealing) current requirements per
ITU-T G.991.2
• Integrated bridge rectifier for polarity correction
• Uses inexpensive opto-coupler for DC signalling
• Electronic inductor, breakover, and latch circuits
• Current limiting and excess power protection circuits
• ANSI SHDSL and ISDN compatible
• MLT and SARTS compatible
• Compatible with portable test sets
• Excellent linearity
• Compatible with GlobespanVirata and Conexant
SHDSL transceiver chip set families
• Small SOIC or DFN Package
• DFN package 60 percent smaller than SOIC
• SOIC is pin compatible with Agere LH1465AAE
• Flammability rating UL 94 V-0
Applications
• Router and bridge customer premises equipment
• Leased line equipment
• T1/E1 network line cards and repeaters
• Network Termination 1 (NT1) equipment
• Mechanized Loop Test (MLT) networks
• Switched Access Remote Test System (SARTS)
networks
Description
The CPC1465 is a DC termination IC used in
Single-pair High-speed Digital Subscriber Line
(SHDSL) and Integrated Services Digital Network
subscriber line (ISDN) equipment. It provides a
polarity insensitive DSL loop sealing current DC
termination with a recognizable device signature for
MLT systems. The CPC1465 passes low frequency
ISDN network signalling information via an
inexpensive optocoupler to the NT1’s internal control
logic.
Ordering Information
Figure 1. CPC1465 Typical 2-Wire DC Termination Application
Part Number Description
CPC1465D
DC Termination IC, 16-pin SOIC in tubes,
47/tube
CPC1465DTR
DC Termination IC, 16-pin SOIC tape and reel,
1000/reel
CPC1465M
DC Termination IC, 16-pin DFN in tubes,
52/tube
CPC1465MTR
DC Termination IC, 16-pin DFN tape and reel,
1000/reel
CPC1465
Digital
Control
Circuitr
Transceiver
TIP
RING
2.2k
5%
Ω
4W
PR+
NC
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
dc
Blocking
Capacitor
1F
μ
1%
1/4W
Current Limit
and Excess
Power Protection
Electronic
Inductor,
Breakover,
Latch, and
Opto Driver
Bridge
Rectifier
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NOTE: Pinout is for the SOIC package
68.1
Ω
1
2
4
3
75k
Ω
V
CC
CPC1303
(5kV
rms Isolation)
or
CPC1001N
(1500V
rms Isolation)


Similar Part No. - CPC1465

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1465 CLARE-CPC1465 Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465D CLARE-CPC1465D Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465DTR CLARE-CPC1465DTR Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465M CLARE-CPC1465M Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1465MTR CLARE-CPC1465MTR Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
More results

Similar Description - CPC1465

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
ISDN DC-DC CONVERTER
20-Jan-1997
logo
Agere Systems
LH1465AB AGERE-LH1465AB Datasheet
375Kb / 14P
LH1465AB/AAE ISDN dc Termination IC Data Sheet Advisory
July 1998
T9000 AGERE-T9000 Datasheet
2Mb / 126P
ISDN Network Termination Node (NTN) Device
November 2000
logo
Bel Fuse Inc.
0560-6600-JD BEL-0560-6600-JD Datasheet
54Kb / 2P
SHDSL MAGNETICS
logo
Clare, Inc.
CPC1465 CLARE-CPC1465 Datasheet
481Kb / 15P
SHDSL/ISDN DC Termination IC
CPC1466 CLARE-CPC1466 Datasheet
314Kb / 15P
Broadband ADSL/VDSL DC Termination IC
logo
SCHOTT CORPORATION
38136 SCHOTT-38136 Datasheet
17Kb / 1P
TRANSFORMER, SHDSL
logo
Bel Fuse Inc.
S560-6600-JG BEL-S560-6600-JG Datasheet
80Kb / 2P
SHDSL MAGNETICS
S560-6600-KZ BEL-S560-6600-KZ Datasheet
83Kb / 2P
SHDSL MAGNETICS
logo
IXYS Corporation
CPC1466 IXYS-CPC1466 Datasheet
268Kb / 14P
Broadband ADSL/VDSL DC Termination IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com