Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1466D Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC1466D
Description  Broadband ADSL/VDSL DC Termination IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1466D Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC1466D Datasheet HTML 6Page - IXYS Corporation CPC1466D Datasheet HTML 7Page - IXYS Corporation CPC1466D Datasheet HTML 8Page - IXYS Corporation CPC1466D Datasheet HTML 9Page - IXYS Corporation CPC1466D Datasheet HTML 10Page - IXYS Corporation CPC1466D Datasheet HTML 11Page - IXYS Corporation CPC1466D Datasheet HTML 12Page - IXYS Corporation CPC1466D Datasheet HTML 13Page - IXYS Corporation CPC1466D Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
R03
www.ixysic.com
13
CPC1466
3.5 Mechanical Dimensions
3.5.1 CPC1466M 16-Pin DFN Package
3.5.2 CPC1466MTR 16-Pin DFN Tape & Reel
EXPOSED
METALLIC PAD
7.00 ± 0.25
(0.276 ± 0.01)
6.00 ± 0.25
(0.236 ± 0.01)
INDEX AREA
TOP VIEW
SEATING
PLANE
SIDE VIEW
0.90 ± 0.10
(0.035 ± 0.004)
0.30 ± 0.05
(0.012 ± 0.002)
0.02, + 0.03, - 0.02
(0.0008, + 0.0012, - 0.0008)
0.20
(0.008)
4.25 ± 0.05
(0.167 ± 0.002)
0.55 ± 0.10
(0.022 ± 0.004)
6.00 ± 0.05
(0.236 ± 0.002)
BOTTOM VIEW
Dimensions
mm
(inch)
Terminal Tip
Pin 16
Pin 1
0.80
(0.032)
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)
Recommended PCB Land Pattern
NOTE: Because the metallic pad on
the bottom of the DFN package is
connected to the substrate of the die, it
is recommended that no printed circuit
board traces or vias be placed under
this area.
K
0=1.61 ± 0.10
(0.063 ± 0.004)
A
0=6.24 ± 0.10
(0.246 ± 0.004)
B
0=7.24 ± 0.10
(0.285 ± 0.004)
P1=12.00 ± 0.10
(0.472 ± 0.004)
W=16.00 ± 0.30
(0.630 ± 0.012)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
DIMENSIONS
mm
(inches)
Direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com