Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1580 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1580
Description  Optically Isolated Gate Drive Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1580 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1580 Datasheet HTML 1Page - IXYS Corporation CPC1580 Datasheet HTML 2Page - IXYS Corporation CPC1580 Datasheet HTML 3Page - IXYS Corporation CPC1580 Datasheet HTML 4Page - IXYS Corporation CPC1580 Datasheet HTML 5Page - IXYS Corporation CPC1580 Datasheet HTML 6Page - IXYS Corporation CPC1580 Datasheet HTML 7Page - IXYS Corporation CPC1580 Datasheet HTML 8Page - IXYS Corporation CPC1580 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1580
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C.
1 Derate linearly 1.33mW/°C
2 Derate linearly 6.0mW/°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 Recommended Operating Conditions
Pin#
Name
Description
1
N/C
Not connected
2
LED +
Positive input to LED
3
LED -
Negative input to LED
4
N/C
Not connected
5
VG
Output, MOSFET Gate Control
6
VL2
-Load Voltage DC, ± Load Voltage AC
7
VL1
+Load Voltage DC, ± Load Voltage AC
8
VCAP
Storage Capacitor
1
2
3
4
8
7
6
5
LED +
LED -
N/C
N/C
V
CAP
V
L1
V
L2
V
G
CPC1580P Pinout
Parameter
Rating
Units
Blocking Voltage (VDS)
65
VP
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Output Power Dissipation 2
500
mW
Isolation Voltage (Input to Output)
3750
Vrms
Operational Temperature
-40 to +110
°C
Storage Temperature
-40 to +125
°C
ESD Rating (Human Body Model)
1000 V
Parameter
Symbol
Min
Max
Units
Load Voltage
VL
15
65
V
Input Control Current
IF
2.5
10
mA
Forward Voltage Drop
VF
11.4
V
Operating Temperature
TA
-40
+110
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com