Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1580P Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC1580P
Description  Optically Isolated Gate Drive Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1580P Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC1580P Datasheet HTML 5Page - IXYS Corporation CPC1580P Datasheet HTML 6Page - IXYS Corporation CPC1580P Datasheet HTML 7Page - IXYS Corporation CPC1580P Datasheet HTML 8Page - IXYS Corporation CPC1580P Datasheet HTML 9Page - IXYS Corporation CPC1580P Datasheet HTML 10Page - IXYS Corporation CPC1580P Datasheet HTML 11Page - IXYS Corporation CPC1580P Datasheet HTML 12Page - IXYS Corporation CPC1580P Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1580
R01
www.ixysic.com
9
across the load element is recommended, see
Figure 3.
The energy not consumed in switching losses must be
absorbed by the over-voltage protection element. Most
protective devices are designed to withstand certain
peak power, in the case of a Transient Voltage
Suppressor (TVS); or maximum avalanche energy, in
the case of a MOSFET. Understanding the switching
losses and load dynamics is absolutely essential.
One simple way to reduce the amount of stored
inductive energy is to increase the energy dissipated
in the switch. This can be accomplished by adding a
larger capacitor in parallel with the gate-drain
connection of the MOSFET, however care must be
taken so that the rise time and peak current do not
exceed the Safe Operating Area (SOA) rating of the
transistor.
The consequence of increasing the gate-drain
effective capacitance is reduced dV/dt tolerance.
When used in a circuit with an inductive load,
precautions must be taken to prevent damage to the
circuit from inductively generated voltage spikes. The
circuit shown in Figure 3 includes such protection
across the inductive load.
5.1 Other Protection Techniques
Switching loads with higher inductance characteristics
requires consideration of other circuit protection
techniques, device ratings, or protector types. Of
paramount importance is that the designer know the
characteristics of the load being switched.
Figure 3. CPC1580 Over-Voltage Protection for Inductive Loads
6. Application Switching Losses
During the transition intervals, the application and load
components change energy states and, in the
process, incur switching losses. The switching losses
are manifested as heat in the application circuit and
must be addressed by the designer to ensure that no
one component exceeds its power rating. The
designer must understand the details of the load
behavior in order to adequately size and protect the
application circuit. There are three general cases to
observe: (1) purely resistive loads,
(2) inductive/resistive loads, and (3) loads with
significant capacitance. Inductors and capacitors are
energy storage elements that require special
consideration for switching.
During the switching periods, energy is conserved.
Inductors turning off transfer their stored energy to
MOSFET switching losses, to the capacitance of the
load and application circuit, and to the protector.
During the turn-on interval, the inductor energy is zero,
and so the capacitive energy in the load and parasitic
elements of the switching application must be
2
3
1
4
NC
NC
8
5
6
7
C
ST
Q1
+V
LOAD
-V
LOAD
CPC1580
LED +
LED -
V
CAP
V
D
V
G
V
S
Z
LOAD
D
OVP
R
OVP
C
OVP
V
IN+
V
IN-
R
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com