Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM705 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM705
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM705 Datasheet HTML 6Page - STMicroelectronics STM705 Datasheet HTML 7Page - STMicroelectronics STM705 Datasheet HTML 8Page - STMicroelectronics STM705 Datasheet HTML 9Page - STMicroelectronics STM705 Datasheet HTML 10Page - STMicroelectronics STM705 Datasheet HTML 11Page - STMicroelectronics STM705 Datasheet HTML 12Page - STMicroelectronics STM705 Datasheet HTML 13Page - STMicroelectronics STM705 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
STM705/706/707/708/813L
10/27
Ensuring a Valid Reset Output Down to
VCC =0V
When VCC falls below 1V, the state of the RST out-
put can no longer be guaranteed, and becomes
essentially an open circuit. If a high value pull-
down resistor is added to the RST pin, the output
will be held low during this condition. A resistor val-
ue of approximately 100k
Ω will be large enough to
not load the output under operating conditions, but
still sufficient to pull RST to ground during this low
voltage condition (see Figure 11).
Figure 11. Reset Output Valid to Ground
Circuit
Interfacing to Microprocessors with Bi-
directional Reset Pins
Microprocessors with bi-directional reset pins can
contend with the STM705-708 reset output. For
example, if the reset output is driven high and the
micro wants to pull it low, signal contention will re-
sult. To prevent this from occurring, connect a
4.7k
Ω resistor between the reset output and the
micro’s reset I/O as in Figure 12.
Figure 12. Interfacing to Microprocessors with
Bi-directional Reset I/O
AI08835
STMXXX
RST
R1
AI08836
STMXXX
RST
GND
4.7k
VCC
Microprocessor
RST
Buffered Reset to other
System Components
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com