Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5750 Datasheet(PDF) 13 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 9Page - IXYS Corporation CPC5750 Datasheet HTML 10Page - IXYS Corporation CPC5750 Datasheet HTML 11Page - IXYS Corporation CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation CPC5750 Datasheet HTML 15Page - IXYS Corporation CPC5750 Datasheet HTML 16Page - IXYS Corporation CPC5750 Datasheet HTML 17Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
13
CPC5750
2.4 RX Path Gain: ±1dB Steps Register
FIve bits of this register determine the analog output amplifier gain in 1 dB steps as shown in the following table.
2.4.1 RXG (bits [4:0])
RXG is a 5-bit, 2's complement number between -12 and 12. This value sets the receive path gain in 1dB
increments. Values of RXG larger than +12 set a gain of +12dB. Values of RXG less than -12 set a gain of -12dB.
2.5 RX Path Gain: +0.1dB Steps Register
Four bits of this register determine the analog output amplifier gain 0.1 dB steps as shown in the following table.
2.5.1 RXB (bits [3:0])
RXB is a 4-bit number between 0 and +9. This value increases the receive path gain in 0.1 dB increments. These
bits are used in conjunction with the RXG bits to define a 9-bit gain value from -12 to +12.9dB in 0.1 steps. For
example, to set the receive gain to -3.1dB, the RXG bits are set for -4dB (11100) and the RXB bits are set for
+0.9dB (1001). The nine bit value 111001001(binary) provides for a receive gain = -4dB + 0.9dB = -3.1dB;
EX2: 110110011 = -5dB + 0.3dB = -4.7dB; EX3: 010011000 = +9.8dB. Values of RXB are always positive and
values greater than 9 continue to define the gain as +0.9dB.
2.6 PCM Interface DRX Time Slot Assignment Register
The lower seven bits of this register determine which of the available 8-bit time slots the CPC5750 uses to receive
data when in the PCM Mode.
2.7 PCM Interface DRX Bit Delay Register
The lower three bits of this register delay the receiver from reading the selected time slot by 0 to 7 bits.
Register
7
6
5
4
3
2
1
0
Address
RX Path Gain: ±1dB Steps
-
-
-
RXG(4)
RXG(3)
RXG(2)
RXG(1)
RXG(0)
0x3
Default Value
0
0000000
-
Register
7
6
5
4
3
2
1
0
Address
RX Path Gain: +0.1dB Steps
----
RXB(3)
RXB(2)
RXB(1)
RXB(0)
0x4
Default Value
0
0000000
-
Register
7
6
5
4
3
2
1
0
Address
PCM DRX Time Slot
-
PRC(6)
PRC(5)
PRC(4)
PRC(3)
PRC(2)
PRC(1)
PRC(0)
0x5
Default Value
0
0000000
-
Register
7
6
5
4
3
2
1
0
Address
PCM DRX Bit
-----
PRB(2)
PRB1)
PRB(0)
0x6
Default Value
0
0000000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com