Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5902G Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC5902G
Description  Optically Isolated I2C Bus Repeater
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5902G Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC5902G Datasheet HTML 3Page - IXYS Corporation CPC5902G Datasheet HTML 4Page - IXYS Corporation CPC5902G Datasheet HTML 5Page - IXYS Corporation CPC5902G Datasheet HTML 6Page - IXYS Corporation CPC5902G Datasheet HTML 7Page - IXYS Corporation CPC5902G Datasheet HTML 8Page - IXYS Corporation CPC5902G Datasheet HTML 9Page - IXYS Corporation CPC5902G Datasheet HTML 10Page - IXYS Corporation CPC5902G Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5902
R03
www.ixysic.com
7
2
Typical Performance Characteristics
Temperature (ºC)
-40
-20
0
20
40
60
80100
0.25
0.30
0.35
0.40
0.45
0.50
0.55
Output Voltage (V
OLA) - Side A
vs. Temperature
(I
SINKA=6mA)
V
DDA=2.7V
V
DDA=3.3V
V
DDA=5.5V
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
Output Voltage (V
OLB) - Side B
vs. Temperature
(V
DDB=3.3V, ISINKB=3mA)
V
OLB
0.3V
DDB
Temperature (ºC)
020
40
60
80
100
1.10
1.15
1.20
1.25
1.30
1.35
1.40
Output Voltage vs. Temperature
Side B
(V
DDB=4.5V, ISINKB=6mA)
V
OLB
0.3V
DDB
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
5
6
7
8
9
10
11
12
13
14
Supply Current vs. Supply Voltage
I
DDB
I
DDA
Temperature (ºC)
-50
-30
-10
10
30
50
70
90
6
7
8
9
10
11
12
13
14
Supply Current vs. Temperature
(V
DDA=VDDB=5.5V)
I
DDB
I
DDA
Temperature (ºC)
-60
-40
-20
0
20
40
60
80
100
40
60
80
100
120
140
t
PLH_AB
t
PHL_AB
Propagation Delay A to B
(V
CC=3.3V, CL=20pF)
(R
PUA=475Ω, RPUB=825Ω)
Temperature (ºC)
-60
-40
-20
0
20
40
60
80
100
70
90
110
130
150
170
190
t
PLH_BA
t
PHL_BA
Propagation Delay B to A
(V
CC=3.3V, CL=20pF)
(R
PUA=475Ω, RPUB=825Ω)
V
DD (V)
Logic Low Output Levels - Side B
(V
OLB)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.3 • V
DD
V
OLB _6mA
V
OLB _3mA
V
OLB _0.1mA
V
DD (V)
Logic Low Input Levels - Side B
(V
ILB)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.3 • V
DD
V
ILB
V
DD (V)
Self Drive Margin - Side B
(V
OLB - VILB)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50
100
150
200
250
300
350
I
SINKB=6mA
I
SINKB=3mA
I
SINKB=100μA
V
DD (V)
Noise Margin - Side B
V
IL_external = 0.3VDD
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
50
100
150
200
250
300
350
400
450
I
SINKB=6mA
I
SINKB=3mA
I
SINKB=0.1mA
Temperature (ºC)
-60
-40
-20
0
20
40
60
80
100
220
240
260
280
300
320
340
Propagation Delay Low to High
B to A to B
(V
CC=3.3V, CL=20pF)
(R
PUA=475Ω, RPUB=825Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com