Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7220 Datasheet(PDF) 11 Page - IXYS Corporation

Part # CPC7220
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7220 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button CPC7220 Datasheet HTML 3Page - IXYS Corporation CPC7220 Datasheet HTML 4Page - IXYS Corporation CPC7220 Datasheet HTML 5Page - IXYS Corporation CPC7220 Datasheet HTML 6Page - IXYS Corporation CPC7220 Datasheet HTML 7Page - IXYS Corporation CPC7220 Datasheet HTML 8Page - IXYS Corporation CPC7220 Datasheet HTML 9Page - IXYS Corporation CPC7220 Datasheet HTML 10Page - IXYS Corporation CPC7220 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7220
R03
www.ixysic.com
11
3.5 Mechanical Dimensions
3.5.1 CPC7220K 48-Pin LQFP Package
3.6 Tape and Reel Specifications
3.6.1 CPC7220KTR LQFP-48 Tape & Reel
Dimensions
mm
(inches)
0.60, +0.15/-0.10
(0.024, +0.006/-0.004)
1.60 Max
(0.063Max)
1.40 ± 0.05
(0.055 ± 0.002)
0.05 Min / 0.15 Max
(0.002 Min - 0.006 Max)
0.50
(0.020)
PCB Land Pattern
8.40
(0.331)
0.50
(0.020)
0.30
(0.012)
1.50
(0.059)
8.40
(0.331)
Pin 48
Pin 1
0.22 ± 0.05
(0.009 ± 0.002)
7.00 ± 0.10
(0.276 ± 0.004)
9.00 ± 0.20
(0.354 ± 0.008)
Dimensions
mm
(inches)
K
0=2.20
(0.087)
K
1=1.60
(0.063)
16.0±0.3
(0.63±0.012)
P1=12.00
(0.472)
A
0=9.30
(0.366)
B
0=9.30
(0.366)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
NOTE: Unless otherwise specified, tolerance ±0.1 (0.004)
Direction of Feed
For additional information please visit www.ixysic.com
IXYS Integrated Circuits makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the
right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied.
Except as set forth in IXYS Integrated Circuits’ Standard Terms and Conditions of Sale, IXYS Integrated Circuits assumes no liability whatsoever, and disclaims any
express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or
infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits’ product may result in direct physical harm,
injury, or death to a person or severe property or environmental damage. IXYS Integrated Circuits reserves the right to discontinue or make changes to its products
at any time without notice.
Specification: DS-CPC7220-R03
© Copyright 2018, IXYS Integrated Circuits
All rights reserved. Printed in USA.
6/14/2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com