Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7512 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7512
Description  Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7512 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7512 Datasheet HTML 1Page - IXYS Corporation CPC7512 Datasheet HTML 2Page - IXYS Corporation CPC7512 Datasheet HTML 3Page - IXYS Corporation CPC7512 Datasheet HTML 4Page - IXYS Corporation CPC7512 Datasheet HTML 5Page - IXYS Corporation CPC7512 Datasheet HTML 6Page - IXYS Corporation CPC7512 Datasheet HTML 7Page - IXYS Corporation CPC7512 Datasheet HTML 8Page - IXYS Corporation CPC7512 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7512
R01
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Descriptions
Pin Types:
P = Power
I = Digital Input
I/O = Digital Input / Output with internal pull up.
A = Analog I/O
S2
B
TSD
S2
A
V
DD
LATCH
2
S2
IN0
S2
IN1
S2
C
S2
COM
S1
B
S1
A
V
DD
GND
LATCH
1
S1
IN0
S1
IN1
S1
C
S1
COM
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
N/C
N/C
Pin
Name
Type
Description
6,14
VDD
P
Logic Supply Voltage
7
GND
P
Ground
9, 12
N/C
-
Not Connected
15
TSD
I/O
Thermal Shutdown
Switch 1
1
S1C
ASwitch 1 Port C
2
S1COM
A
Switch 1 common node for all three
switches
8
S1A
ASwitch 1 Port A
10
S1B
ASwitch 1 Port B
3
S1IN1
I
Switch 1 input control bit: Bit 1
4
S1IN0
I
Switch 1 input control bit: Bit 0
5
LATCH1
I
Switch 1 configuration latch
Switch 2
20
S2C
ASwitch 2 Port C
19
S2COM
A
Switch 2 common node for all three
switches
13
S2A
ASwitch 2 Port A
11
S2B
ASwitch 2 Port B
17
S2IN0
I
Switch 2 input control bit: Bit 0
18
S2IN1
I
Switch 2 input control bit: Bit 1
16
LATCH2
I
Switch 2 configuration latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com