Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7514 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7514
Description  Quad High Voltage Isolated Analog Switch Array
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7514 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7514 Datasheet HTML 1Page - IXYS Corporation CPC7514 Datasheet HTML 2Page - IXYS Corporation CPC7514 Datasheet HTML 3Page - IXYS Corporation CPC7514 Datasheet HTML 4Page - IXYS Corporation CPC7514 Datasheet HTML 5Page - IXYS Corporation CPC7514 Datasheet HTML 6Page - IXYS Corporation CPC7514 Datasheet HTML 7Page - IXYS Corporation CPC7514 Datasheet HTML 8Page - IXYS Corporation CPC7514 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7514
R06
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Descriptions
S
2A
S
1A
T
SD1-2
N/C
V
DD
LATCH
1-2
IN
1
IN
2
S
1B
S
2B
S
3A
S
4A
T
SD3-4
V
DD
D
GND
LATCH
3-4
IN
3
IN
4
S
4B
S
3B
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
Pin
Name
Description
6,14
VDD
Logic Supply Voltage
7
DGND
Ground
13
NC
Not Connected
CHANNEL 1-2
18
IN2
Input - Switch 2 state control
17
IN1
Input - Switch 1 state control
16
LATCH1-2 Input - Latch control for SW1 & SW2
15
TSD1-2
I/O - Thermal shutdown output and All-Off
input control for SW1 & SW2
12
S1A
Switch 1 - side A
19
S1B
Switch 1 - side B
11
S2A
Switch 2 - side A
20
S2B
Switch 2 - side B
CHANNEL 3-4
3
IN4
Input - Switch 4 state control
4
IN3
Input - Switch 3 state control
5
LATCH3-4 Input - Latch control for SW3 & SW4
8
TSD3-4
I/O - Thermal shutdown output and All-Off
input control for SW3 & SW4
10
S3A
Switch 3 - side A
1
S3B
Switch 3 - side B
9
S4A
Switch 4 - side A
2
S4B
Switch 4 - side B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com