Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM706
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706 Datasheet(HTML) 4 Page - STMicroelectronics

  STM706 Datasheet HTML 1Page - STMicroelectronics STM706 Datasheet HTML 2Page - STMicroelectronics STM706 Datasheet HTML 3Page - STMicroelectronics STM706 Datasheet HTML 4Page - STMicroelectronics STM706 Datasheet HTML 5Page - STMicroelectronics STM706 Datasheet HTML 6Page - STMicroelectronics STM706 Datasheet HTML 7Page - STMicroelectronics STM706 Datasheet HTML 8Page - STMicroelectronics STM706 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
STM705/706/707/708/813L
4/27
SUMMARY DESCRIPTION
The STM705/706/707/708/813L Supervisors are
self-contained devices which provide micropro-
cessor supervisory functions. A precision voltage
reference and comparator monitors the VCC input
for an out-of-tolerance condition. When an invalid
VCC condition occurs, the reset output (RST) is
forced low (or high in the case of RST).
These devices also offer a watchdog timer (except
for STM707/708) as well as a power-fail compara-
tor to provide the system with an early warning of
impending power failure.
These devices are available in a standard 8-pin
SOIC package or a space-saving 8-pin TSSOP
package.
Figure 2. Logic Diagram (STM705/706/813L)
Note: 1. For STM705/706 only.
2. For STM813L only.
Figure 3. Logic Diagram (STM707/708)
Table 2. Signal Names
Note: 1. For STM813L only.
AI08825
VCC
STM705/706;
STM813L
VSS
WDO
RST(1)
WDI
PFI
MR
RST(2)
PFO
MR
Push-button Reset Input
WDI
Watchdog Input
WDO
Watchdog Output
RST
Active-Low Reset Output
RST(1)
Active-High Reset Output
VCC
Supply Voltage
PFI
Power-fail Input
PFO
Power-fail Output
VSS
Ground
NC
No Connect
AI08826
VCC
STM707/708
VSS
RST
RST
MR
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com