Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXI858 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXI858
Description  Gate Driver with VReg and Charge Pump Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXI858 Datasheet(HTML) 1 Page - IXYS Corporation

  IXI858 Datasheet HTML 1Page - IXYS Corporation IXI858 Datasheet HTML 2Page - IXYS Corporation IXI858 Datasheet HTML 3Page - IXYS Corporation IXI858 Datasheet HTML 4Page - IXYS Corporation IXI858 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Gate Driver with VReg and Charge Pump Regulator
IXYS
Copyright © IXYS CORPORATION 2005
1
4/29/05
IXI858 / IXI859
Features:
• Logic Level Gate Drive Compatible
• 60mA Source / 120mA Sink Minimum
Gate Drive
• 5.0V or 3.3V Voltage Regulator
• Charge Pump Regulator Stabilizes V
CC
Power Supply at 13V
• UVLO Protection
Applications:
• µController based off-line applications
• Power Supply and Power Management
• Lighting Control
General Description
The IXI858 and IXI859 combine a power MOSFET
driver, linear voltage regulator, and charge pump
regulator for power supply generation in a single
SOIC-8 package. The IXI858 features a 5.0V linear
voltage regulator, and the IXI859 a 3.3V linear
voltage regulator. These three power functions
combined on the IXI858/859 target micro-controller
based off-line applications.
The IXI858 and IXI859 are designed to operate over
a temperature range of -25°C to +125°C, and are
available in an 8 lead SOIC package.
ORDERING INFORMATION
Part No.
Description
Pack Quantity
IXI858S1
100 (Tube)
IXI858S1T/R
5.0V Version
2500 (Tape & Reel)
IXI859S1
100 (Tube)
IXI859S1T/R
3.3V Version
2500 (Tape & Reel)
Functional Block Diagram
SOIC-8 Lead Configuration
+
-
5
6
7
8
1
2
4
VCC
VOUT
IN
GATE
GND
VSUP
VCAP
75k
13V
Vclamp
ChrgPReg
Vreg
UVLO
8 - Lead SOIC
1
2
3
4
8
7
6
5
N/C
VOUT
VCAP
VCC
IN
GATE
GND
VSUP


Similar Part No. - IXI858

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848AS1 IXYS-IXI848AS1 Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848S1 IXYS-IXI848S1 Datasheet
235Kb / 5P
High-Side Current Monitor
More results

Similar Description - IXI858

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD220 STMICROELECTRONICS-TD220 Datasheet
79Kb / 8P
Gate Driver with VReg and Two Point Regulator
May-2003
logo
Sipex Corporation
SP7683 SIPEX-SP7683 Datasheet
137Kb / 8P
Four Channel Charge Pump Regulator LED Driver
logo
California Micro Device...
CM4072 CALMIRCO-CM4072 Datasheet
304Kb / 11P
Low Noise Charge Pump/Linear Regulator LED Driver
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882 Datasheet
322Kb / 13P
Charge Pump Doubler with Linear Regulator
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
Microsemi Corporation
LX1882 MICROSEMI-LX1882_05 Datasheet
322Kb / 13P
Charge Pump Doubler with Linear Regulator
logo
STMicroelectronics
TD221IDT STMICROELECTRONICS-TD221IDT Datasheet
86Kb / 8P
Gate Driver with VReg and Two Point Regulator
May-2003
AN1707 STMICROELECTRONICS-AN1707 Datasheet
176Kb / 5P
Gate Driver with Vreg and Two-Point Regulator
Oct-2003
logo
Linear Technology
LTC3212 LINER-LTC3212_15 Datasheet
820Kb / 12P
RGB LED Driver and Charge Pump
logo
Micro Analog systems
MAS6241 MAS-MAS6241 Datasheet
431Kb / 9P
Piezo Driver with 3x Charge Pump
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com