Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4340NETR Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX4340NETR
Description  5-Ampere, Dual Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4340NETR Datasheet(HTML) 1 Page - IXYS Corporation

  IX4340NETR Datasheet HTML 1Page - IXYS Corporation IX4340NETR Datasheet HTML 2Page - IXYS Corporation IX4340NETR Datasheet HTML 3Page - IXYS Corporation IX4340NETR Datasheet HTML 4Page - IXYS Corporation IX4340NETR Datasheet HTML 5Page - IXYS Corporation IX4340NETR Datasheet HTML 6Page - IXYS Corporation IX4340NETR Datasheet HTML 7Page - IXYS Corporation IX4340NETR Datasheet HTML 8Page - IXYS Corporation IX4340NETR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX4340-R05
www.ixysic.com
1
Features
• Two Independent Drivers, Each Capable of Sourcing
and Sinking 5A
• CMOS and TTL Compatible Inputs
• Independent Enable for Each Driver
• 5V to 20V Supply Voltage Range
• -40°C to +125°C Extended Operating Temperature
Range
• ±4kV ESD Rating (Human Body Model)
• Thermally enhanced 8-pin SOIC and 8-pin MSOP
packages and standard 8-pin SOIC package
• Under Voltage Lockout Circuitry
• Fast Propagation Delays (16ns typical)
• Fast Rise and Fall Times (7ns typical)
Applications
• Switch-Mode Power Supplies
• DC-DC Converters
• Motor Controllers
• Power Inverters
Description
The IX4340 is a dual, high current, low side gate
driver. Each of the two outputs is capable of sourcing
and sinking 5A of peak current, and has a maximum
voltage rating of 20V. The two outputs can be
paralleled for higher current applications. Fast
propagation delay times (16ns typical) and fast rise
and fall times (7ns) make the IX4340 well suited for
high frequency applications.
The inputs are TTL and CMOS logic compatible, and
there is an independent Enable function for each
output. Under voltage lockout circuitry (UVLO)
prevents the high side source driver from conducting
until there is sufficient supply voltage. The outputs are
held low if the logic inputs are floating.
The IX4340 is available in standard 8-pin SOIC and
thermally enhanced 8-pin SOIC and MSOP packages.
Ordering Information
IX4340 Functional Block Diagram
Part Number
Description
IX4340N
8-Pin SOIC (100/Tube)
IX4340NTR
8-Pin SOIC (4000/Reel)
IX4340NE
8-Pin SOIC w/ Exposed Thermal Pad
(100/Tube)
IX4340NETR
8-Pin SOIC w/ Exposed Thermal Pad
(4000/Reel)
IX4340UE
8-Pin MSOP w/ Exposed Thermal Pad
(100/Tube)
IX4340UETR
8-Pin MSOP w/ Exposed Thermal Pad
(5000/Reel)
V
CC
V
CC
V
CC
V
CC
V
CC
V
CC
UVLO
ENA
INA
GND
INB
ENB
OUTA
V
CC
OUTB
1
2
3
4
8
7
6
5
IX4340
5-Ampere, Dual Low-Side
MOSFET Driver


Similar Part No. - IX4340NETR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IX4310TTR-TP TECHPUBLIC-IX4310TTR-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
IXYS Corporation
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
9A Low Side SiC MOSFET & IGBT Driver
IX4351NETR IXYS-IX4351NETR Datasheet
284Kb / 10P
9A Low Side SiC MOSFET & IGBT Driver
More results

Similar Description - IX4340NETR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD415 IXYS-IXDD415 Datasheet
161Kb / 8P
Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
IXYS Corporation
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com