Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA191STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA191STR
Description  Dual Single-Pole, Normally Open OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA191STR Datasheet(HTML) 1 Page - IXYS Corporation

  PAA191STR Datasheet HTML 1Page - IXYS Corporation PAA191STR Datasheet HTML 2Page - IXYS Corporation PAA191STR Datasheet HTML 3Page - IXYS Corporation PAA191STR Datasheet HTML 4Page - IXYS Corporation PAA191STR Datasheet HTML 5Page - IXYS Corporation PAA191STR Datasheet HTML 6Page - IXYS Corporation PAA191STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA191-R04
1
PAA191
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
PAA191
8-Lead DIP (50/tube)
PAA191S
8-Lead Surface Mount (50/tube)
PAA191STR
8-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
400
V
P
Load Current
250
mA
rms / mADC
On-Resistance (max)
8
Applications
Features
Description
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
5000V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 8-Pin Packages
Machine Insertable, Wave Solderable
Surface Mount Tape & Reel Version Available
Approvals
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
8
7
6
5
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
PAA191 is a dual 400V, 250mA, 8
 normally open
(1-Form-A) solid state relay that uses optically coupled
MOSFET technology to provide 5000V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This dual single-pole OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating both switches in a single 8-pin
package.


Similar Part No. - PAA191STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA191STR CLARE-PAA191STR Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
logo
Littelfuse
PAA191STR LITTELFUSE-PAA191STR Datasheet
205Kb / 7P
400V, 250mA Dual Single-Pole
11/18/2025
More results

Similar Description - PAA191STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com