Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA150STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA150STR
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA150STR Datasheet(HTML) 1 Page - IXYS Corporation

  PLA150STR Datasheet HTML 1Page - IXYS Corporation PLA150STR Datasheet HTML 2Page - IXYS Corporation PLA150STR Datasheet HTML 3Page - IXYS Corporation PLA150STR Datasheet HTML 4Page - IXYS Corporation PLA150STR Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA150-R06
1
PLA150
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA150
6-Pin DIP (50/Tube)
PLA150S
6-Pin Surface Mount (50/Tube)
PLA150STR
6-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
250
V
P
Load Current
250
mA
rms / mADC
On-Resistance (max)
7
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebooks, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Small 6-Pin Package
Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
PLA150 is a 250V, 250mA, 7
, single-pole, normally
open (1-Form-A) solid state relay that uses optically
coupled MOSFET technology to provide 3750V
rms
input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This performance leader features high peak
load current handling capability with a very low
on-resistance.


Similar Part No. - PLA150STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA150S CLARE-PLA150S Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
More results

Similar Description - PLA150STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com