Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP268FPS Datasheet(PDF) 2 Page - TT Electronics.

Part # OP268FPS
Description  Plastic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP268FPS Datasheet(HTML) 2 Page - TT Electronics.

  OP268FPS Datasheet HTML 1Page - TT Electronics. OP268FPS Datasheet HTML 2Page - TT Electronics. OP268FPS Datasheet HTML 3Page - TT Electronics. OP268FPS Datasheet HTML 4Page - TT Electronics. OP268FPS Datasheet HTML 5Page - TT Electronics. OP268FPS Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Plastic Infrared Emitting Diode
OP168F, OP169, OP268F, OP269 Series
Issue C
07/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
OP169 (A, B, C), OP269 (A, B, C)
OP168F (A, B, C), OP268F (A, B, C, PS)
1
2
1
2
Pin #
LED
X=0.060” (1.5 mm)
1
Anode
2
Cathode
Pin #
LED
X=0.060” (1.5 mm)
1
Anode
2
Cathode
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com