Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP515B Datasheet(PDF) 2 Page - TT Electronics.

Part # OP515B
Description  NPN Silicon Phototransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP515B Datasheet(HTML) 2 Page - TT Electronics.

  OP515B Datasheet HTML 1Page - TT Electronics. OP515B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue A
02/05
Page 2
NPN Silicon Phototransistors
OP515A, OP515B, OP515C, OP515D
Notes:
(1) Ee(APT) is a measurement of the average apertured radiant energy incident upon a sensing area 0.250” (6.35mm) in diameter and
perpendicular to and centered to the mechanical axis of the emitting surface at a distance of 0.466” (11.84mm). Ee(APT) is not nec-
essarily uniform within the measured area.
(2) Derating Linearly 0.71 mW/°C above 25°C
(3) Light source is an unfiltered GaAs LED with a peak emission wavelength of 935 nm and a radiometric intensity level which varies
less than 10% over the entire lens surface of the phototransistor being tested.
(4) To calculate typical collector dark current in nA, use the formula ICED = 10
(0.040T
A
-3.4) where TA is ambient temperature in °C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IC(ON)
On-State
OP515D
Collector
OP515C
Current
OP515B
OP515A
0.40
1.00
3.00
6.00
mA
VCE = 5 V, Ee = 5.0 mW/cm
2(3)
ICEO
Collector-Dark Current
100
nA
VCE = 10 V, Ee = 0
(4)
V(BR)CEO Collector-Emitter Breakdown Voltage
30
V
IC = 100 µA
V(BR)ECO Emitter-Collector Breakdown Voltage
5
V
IE = 100 µA
VCE(SAT)
Collector-Emitter
OP515
Saturation Voltage
0.40
V
IC = 400 µA, Ee = 5.0 mW/cm
2(3)
∆IC/∆T
Relative IC Changes with Temperature
OP505A-D and OP506A-D series
1.00
%/°C
VCE = 5 V, Ee = 1.0 mW/cm
2
IECO
Emitter-Reverse Current
100
µA
VEC = 0.4 V
Collector Current Vs Collector to Emitter Voltage vs Irradiance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE - Collector to Emitter Voltage (V)
6 mW/cm2
5 mW/cm2
4 mW/cm2
3 mW/cm2
2 mW/cm2
1 mW/cm2
TA = 25°C
λ = 940 nm
On-State Collector Current Vs Irradiance
y = 0.6364x - 0.1221
R
2 = 0.9992
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
5.0
Ee -Irradiance -mW/cm
2
TA = 25°C
VCE = 5 Volts
λ = 940 nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com