Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507IN Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS507IN
Description  High Precision Rail-to-Rail Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507IN Datasheet(HTML) 3 Page - STMicroelectronics

  TS507IN Datasheet HTML 1Page - STMicroelectronics TS507IN Datasheet HTML 2Page - STMicroelectronics TS507IN Datasheet HTML 3Page - STMicroelectronics TS507IN Datasheet HTML 4Page - STMicroelectronics TS507IN Datasheet HTML 5Page - STMicroelectronics TS507IN Datasheet HTML 6Page - STMicroelectronics TS507IN Datasheet HTML 7Page - STMicroelectronics TS507IN Datasheet HTML 8Page - STMicroelectronics TS507IN Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics
TS507
3/9
2
Electrical Characteristics
Table 3: VCC
+ = +5V, V
DD
- = 0V, T
amb = 25°C (unless otherwise specified) - Operational Amplifier
Symbol
Parameter
Min.
Typ.
Max.
Unit
Icc
Supply Current
0.85
mA
Iib
Input Bias Current
Tmin ≤ Top ≤ Tmax
50
TBD
150
nA
Ri
Input Resistance, f = 1kHz
1
M
Ω
Vio
Input Offset Voltage
0V
≤ V
CM ≤ 3.5V
Tmin ≤ Top ≤ Tmax
0V
≤ V
CM ≤ 5V
Tmin ≤ Top ≤ Tmax
060
100
300
350
µV
∆V
io
Input Offset Voltage Drift
Tmin ≤ Top ≤ Tmax
0.3
µV/°C
Iio
Input Offset Current
Tmin ≤ Top ≤ Tmax
5TBD
TBD
nA
∆I
io
Input Offset Current Drift
Tmin ≤ Top ≤ Tmax
0.08
Ios
Output Short Circuit Current
50
mA
Avd
Large Signal Voltage Gain
RL = 2kΩ
1V
≤ V
out ≤ 4V
125
dB
GBP
Gain-bandwidth Product, f = 100kHz
2.2
MHz
en
Equivalent Input Noise Voltage, f = 1kHz
Rs = 1k
Ω
12
THD
Total Harmonic Distortion
Av = 20dB
RL = 2kΩ
Vo = 2Vpp
f = 1kHz
TDB
%
±Vopp
Output Voltage Swing
RL = 2kΩ
TBD
V
Vopp
Large Signal Voltage Swing
RL = 10kΩ
f = 10kHz
TBD
Vpp
SR
Slew Rate
Unity Gain, RL = 2k
Ω
0.65
V/
µs
PSRR
Power Supply Rejection Ratio
100
dB
CMRR
Common Mode Rejection Ratio
Vic = 0V to 3.5V
Vic = 0V to 5V
125
94
dB
nA
°C
-------
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com