Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS507ID
Description  High Precision Rail-to-Rail Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507ID Datasheet(HTML) 1 Page - STMicroelectronics

  TS507ID Datasheet HTML 1Page - STMicroelectronics TS507ID Datasheet HTML 2Page - STMicroelectronics TS507ID Datasheet HTML 3Page - STMicroelectronics TS507ID Datasheet HTML 4Page - STMicroelectronics TS507ID Datasheet HTML 5Page - STMicroelectronics TS507ID Datasheet HTML 6Page - STMicroelectronics TS507ID Datasheet HTML 7Page - STMicroelectronics TS507ID Datasheet HTML 8Page - STMicroelectronics TS507ID Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2004
Revision 1
1/9
s
Ultra low offset voltage: 60µV max
s
Rail-to rail input/output voltage swing
s
Operating from 2.7V to 5.5V
s
High-speed: 2.2MHz
s
Low consumption: 0.85mA
s
Supply voltage rejection ratio: 85dB
s
ESD protection 2kV
s
Latch-up immunity
s
Available in SOT23-5 micropackage
Description
The TS507 is a high performance rail-to-rail
output amplifier with very low offset voltage. This
amplifier uses a new trimming technique that
yields ultra low offset voltages without any need
for external nulling.
The
circuit
presents
very
stable
electrical
characteristics over the entire supply voltage
range, and is particularly intended for professional
and telecom applications.
The TS507 is housed in the space-saving 5 pins
SOT23 package that makes it well suited for
battery-powered
systems. This
micropackage
simplifies the PC board design because of it’s
ability to be placed in tight spaces (outside
dimensions are: 2.8mm x 2.9mm)
Pin Connections (top view)
Applications
s
Precision filters
s
Transformer/line drivers
s
Personal entertainments (CD players)
s
Portable communication (cell phones,
pagers)
s
Instrumentation & sensoring
Order Codes
TS507ILT
TS507ID-TS507IN-TS507IST
TS507IQT
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
45
6
7
8
NC
Inverting Input
Non Inverting Input
VDD
NC
VCC
Output
NC
1
2
3
45
6
7
8
NC
Inverting Input
Non Inverting Input
VDD
NC
VCC
Output
NC
Part Number
Temperature Range
Package
Packaging
Marking
TS507IN
-40, +125°C
DIP
Tube
TS507ID/TS507IDT
DIP
Tube or Tape & Reel
TS507IST
mini SO
Tape & Reel
TS507ILT
SOT23-5
Tape & Reel
TBD
TS507IQT
DFN
Tape & Reel
TS507
High Precision Rail-to-Rail Operational Amplifier
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - TS507ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS507ID STMICROELECTRONICS-TS507ID Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
TS507IDT STMICROELECTRONICS-TS507IDT Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
More results

Similar Description - TS507ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507_08 Datasheet
280Kb / 20P
High precision rail-to-rail operational amplifier
08-Apr-2008
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com