Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH330I Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH330I
Description  1.1 GHz Low-Noise Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH330I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH330I Datasheet HTML 5Page - STMicroelectronics TSH330I Datasheet HTML 6Page - STMicroelectronics TSH330I Datasheet HTML 7Page - STMicroelectronics TSH330I Datasheet HTML 8Page - STMicroelectronics TSH330I Datasheet HTML 9Page - STMicroelectronics TSH330I Datasheet HTML 10Page - STMicroelectronics TSH330I Datasheet HTML 11Page - STMicroelectronics TSH330I Datasheet HTML 12Page - STMicroelectronics TSH330I Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Electrical Characteristics
TSH330
9/19
Figure 25. I-bias vs. temperature
Figure 26. Vio vs. temperature
Figure 27. VOH & VOL vs. temperature
-40
-20
0
2040
6080
100
120
6
8
10
12
14
16
18
20
22
24
Gain=+1
Vcc=5V
Load=100
Ω
Ib(+)
Ib(-)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0
200
400
600
800
1000
Open Loop
Vcc=5V
Load=100
Ω
Temperature (°C)
-40
-20
0
20
406080
-4
-3
-2
-1
0
1
2
Gain=+1
Vcc=5V
Load=100
Ω
V
OL
V
OH
Temperature (°C)
Figure 28. Icc vs. temperature
Figure 29. Iout vs. temperature
-40
-20
0
20
40
60
80
100
120
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
Gain=+1
Vcc=5V
no Load
In+/In- to GND
Icc(+)
Icc(-)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-800
-600
-400
-200
0
200
400
600
Output: short-circuit
Gain=+1
Vcc=5V
Isource
Isink
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com