Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP03390 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UP03390
Description  Silicon NPN epitaxial planar type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP03390 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UP03390 Datasheet HTML 1Page - Panasonic Semiconductor UP03390 Datasheet HTML 2Page - Panasonic Semiconductor UP03390 Datasheet HTML 3Page - Panasonic Semiconductor UP03390 Datasheet HTML 4Page - Panasonic Semiconductor UP03390 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UP03390
2
SJJ00293AED
• Tr2
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
■ Electrical Characteristics T
a = 25°C ± 3°C
• Tr1
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Common characteristics chart
PT  Ta
0
80
120
40
0
140
120
100
80
60
40
20
Ambient temperature
T
a (°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 6 V, I
C
= 0
0.1
mA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 5 mA
80
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
Output voltage high-level
VOH
VCC
= 5 V, V
B
= 0.5 V, R
L
= 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC = 5 V, VB = 3.5 V, RL = 1 kΩ
0.2
V
Input resistance
R1
−30%
47
+30%
k
Ω
Resistance ratio
R1 / R2
0.8
1.0
1.2
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
150
MHz
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = −6 V, IC = 0
− 0.2
mA
Forward current transfer ratio
hFE
VCE
= −10 V, I
C
= −5 mA
80
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
Output voltage high-level
VOH
VCC = −5 V, VB = − 0.5 V, RL = 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC
= −5 V, V
B
= −2.5 V, R
L
= 1 kΩ− 0.2
V
Input resistance
R1
−30%
10
+30%
k
Ω
Resistance ratio
R1 / R2
0.17
0.21
0.25
Transition frequency
fT
VCB
= −10 V, I
E
= 1 mA, f = 200 MHz
80
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com