Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA140LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA140LS
Description  Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA140LS Datasheet(HTML) 1 Page - IXYS Corporation

  PLA140LS Datasheet HTML 1Page - IXYS Corporation PLA140LS Datasheet HTML 2Page - IXYS Corporation PLA140LS Datasheet HTML 3Page - IXYS Corporation PLA140LS Datasheet HTML 4Page - IXYS Corporation PLA140LS Datasheet HTML 5Page - IXYS Corporation PLA140LS Datasheet HTML 6Page - IXYS Corporation PLA140LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA140L-R06
1
PLA140L
Single-Pole, Normally Open,
Current-Limiting OptoMOS® Relay
e3
Pb
Applications
Features
Description
Ordering Information
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
200
mA
rms / mADC
On-Resistance (max)
13
Pin Configuration
Part Number
Description
PLA140L
6-Pin DIP (50/Tube)
PLA140LS
6-Pin Surface Mount (50/Tube)
PLA140LSTR
6-Pin Surface Mount (1,000/Reel)
Switching Characteristics of
Normally Open Devices
• Current Limiting
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
• Flammability Classification Rating of V-0
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Automotive
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
PLA140L is a single-pole, normally open
(1-Form-A) solid state relay that uses optically
coupled MOSFET technology to provide 3750V
rms of
input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The PLA140L also contains a built-in load current
limiting feature. This feature, combined with low
on-resistance and very high load current handling
capabilities, makes it suitable for a variety of high
performance switching applications.


Similar Part No. - PLA140LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA140LS CLARE-PLA140LS Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
PLA140LSTR CLARE-PLA140LSTR Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
More results

Similar Description - PLA140LS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com