Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB190S Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLB190S
Description  Single-Pole, Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLB190S Datasheet(HTML) 3 Page - IXYS Corporation

  PLB190S Datasheet HTML 1Page - IXYS Corporation PLB190S Datasheet HTML 2Page - IXYS Corporation PLB190S Datasheet HTML 3Page - IXYS Corporation PLB190S Datasheet HTML 4Page - IXYS Corporation PLB190S Datasheet HTML 5Page - IXYS Corporation PLB190S Datasheet HTML 6Page - IXYS Corporation PLB190S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLB190
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.714 0.716 0.718 0.720 0.722 0.724 0.726 0.728
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.838 0.920 1.002 1.084 1.166 1.248 1.330 1.412
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Current (mA)
0.29 0.32 0.35 0.38 0.41 0.44 0.47 0.50
0
5
10
15
20
Typical LED Current to Operate
(N=50, I
L=100mA)
On-Resistance ( )
13.0
13.3
13.5
13.8
14.0
14.3
14.5
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=0mA, IL=100mA)
Blocking Voltage (V
P)
460
465
470
475
480
485
490
495
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
710
715
720
725
730
735
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
0
1000
2000
3000
4000
5000
6000
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.35
0.40
0.45
0.50
0.55
0.60
0.65
LED Current to Operate
vs. Temperature
(I
L=75mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
300
400
500
600
700
800
900
Typical Turn-On Time
vs. Temperature
(I
L=75mA)
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1000
1500
2000
2500
3000
3500
4000
4500
5000
Typical Turn-Off Time
vs. Temperature
(I
L=75mA)
I
F=2mA
I
F=5mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com