Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4153ABCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4153ABCPZ
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153ABCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4153ABCPZ Datasheet HTML 14Page - Analog Devices ADF4153ABCPZ Datasheet HTML 15Page - Analog Devices ADF4153ABCPZ Datasheet HTML 16Page - Analog Devices ADF4153ABCPZ Datasheet HTML 17Page - Analog Devices ADF4153ABCPZ Datasheet HTML 18Page - Analog Devices ADF4153ABCPZ Datasheet HTML 19Page - Analog Devices ADF4153ABCPZ Datasheet HTML 20Page - Analog Devices ADF4153ABCPZ Datasheet HTML 21Page - Analog Devices ADF4153ABCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADF4153A
Data Sheet
Rev. A | Page 18 of 24
The programmable modulus is also very useful for multi-
standard applications. If a dual-mode phone requires PDC
and GSM 1800 standards, the programmable modulus is of
great benefit. PDC requires 25 kHz channel step resolution,
whereas GSM 1800 requires 200 kHz channel step resolution.
A 13 MHz reference signal can be fed directly to the PFD. The
modulus is programmed to 520 when in PDC mode (13 MHz/
520 = 25 kHz). The modulus is reprogrammed to 65 for GSM
1800 operation (13 MHz/65 = 200 kHz). It is important that the
PFD frequency remains constant (13 MHz). This lets the user
design one loop filter that can be used in both setups without
running into stability issues. It is the ratio of the RF frequency
to the PFD frequency that affects the loop design. By keeping
this relationship constant, the same loop filter can be used in
both applications.
FASTLOCK WITH SPURIOUS OPTIMIZATION
As mentioned in the Noise and Spur Mode section, the part
can be optimized for spurious performance. However, in fast-
locking applications, the loop bandwidth needs to be wide,
and therefore the filter does not provide much attenuation of
the spurs. The programmable charge pump can be used to get
around this issue. The filter is designed for a narrow-loop
bandwidth so that steady-state spurious specifications are met.
This is designed using the lowest charge pump current setting.
To implement fastlock during a frequency jump, the charge
pump current is set to the maximum setting for the duration of
the jump by asserting the fastlock bit in the N divider register.
This widens the loop bandwidth, which improves lock time. To
maintain loop stability while in wide bandwidth mode, the loop
filter needs to be modified. This is achieved by switching in a
resistor (R1A) in parallel with the damping resistor in the loop
filter (see Figure 21). MUXOUT needs to be set to the fastlock
switch to use the internal switch. For example, if the charge
pump current is increased by 16, the damping resistor, R1,
needs to be decreased by ¼ while in wide bandwidth mode.
ADF4153A
VCO
C2
C1
CP
FL
MUXOUT
R1
R1A
Figure 21. ADF4153A with Fastlock
The value of R1A is then chosen so that the total parallel
resistance of R1 and R1A equals 1/4 of R1 alone. This gives
an overall 4× increase in loop bandwidth, while maintaining
stability in wide bandwidth mode.
When the PLL has locked to the new frequency, the charge
pump is again programmed to the lowest charge pump current
setting by setting the fastlock bit to 0. The internal switch opens
and the damping resistor reverts to its original value. This
narrows the loop bandwidth to its original cutoff frequency
to allow better attenuation of the spurs than the wide-loop
bandwidth.
SPUR MECHANISMS
The following section describes the three different spur mechan-
isms that arise with a fractional-N synthesizer and how to
minimize them in the ADF4153A.
Fractional Spurs
The fractional interpolator in the ADF4153A is a third-order
Σ-Δ modulator (SDM) with a modulus (MOD) that is program-
mable to any integer value from 2 to 4095. In low spur mode
(dither enabled), the minimum allowed value of MOD is 50.
The SDM is clocked at the PFD reference rate (FPFD) that allows
PLL output frequencies to be synthesized at a channel step
resolution of FPFD/MOD.
In lowest noise mode and low noise and spur mode (dither off),
the quantization noise from the Σ-Δ modulator appears as frac-
tional spurs. The interval between spurs is FPFD/L, where L is the
repeat length of the code sequence in the digital Σ-Δ modulator.
For the third-order modulator used in the ADF4153A, the repeat
length depends on the value of MOD, as shown in Table 6.
Table 6. Fractional Spurs with Dither Off
Condition (Dither Off)
Repeat
Length
Spur Interval
If MOD is divisible by 2, but not 3
2 × MOD
Channel step/2
If MOD is divisible by 3, but not 2
3 × MOD
Channel step/3
If MOD is divisible by 6
6 × MOD
Channel step/6
Otherwise
MOD
Channel step
In low spur mode (dither enabled), the repeat length is
extended to 221 cycles, regardless of the value of MOD, which
makes the quantization error spectrum look like broadband
noise. This can degrade the in-band phase noise at the PLL
output by as much as 10 dB. Therefore, for lowest noise, dither
off is a better choice, particularly when the final loop BW is low
enough to attenuate even the lowest frequency fractional spur.
Integer Boundary Spurs
Another mechanism for fractional spur creation is interactions
between the RF VCO frequency and the reference frequency.
When these frequencies are not integer related (which is the
point of a fractional-N synthesizer), spur sidebands appear on
the VCO output spectrum at an offset frequency that corresponds
to the beat note or difference frequency between an integer
multiple of the reference and the VCO frequency.
These spurs are attenuated by the loop filter and are more
noticeable on channels close to integer multiples of the
reference where the difference frequency can be inside the
loop bandwidth, therefore, the name integer boundary spurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com