Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAA170STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # XAA170STR
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

XAA170STR Datasheet(HTML) 1 Page - IXYS Corporation

  XAA170STR Datasheet HTML 1Page - IXYS Corporation XAA170STR Datasheet HTML 2Page - IXYS Corporation XAA170STR Datasheet HTML 3Page - IXYS Corporation XAA170STR Datasheet HTML 4Page - IXYS Corporation XAA170STR Datasheet HTML 5Page - IXYS Corporation XAA170STR Datasheet HTML 6Page - IXYS Corporation XAA170STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-XAA170-R05
1
XAA170
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
XAA170
8-Pin DIP (50/Tube)
XAA170P
8-Pin Flatpack (50/Tube)
XAA170PTR
8-Pin Flatpack T&R (1000/Reel)
XAA170S
8-Pin Surface Mount (50/Tube)
XAA170STR
8-Pin Surface Mount T&R (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
50
Input Control Current
5
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Compliant
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Switching Characteristics of
Normally Open Devices
The XAA170 is a dual, normally open (1-Form-A)
solid state relay comprising two independent, optically
coupled relays in a single 8-pin package. Using
optically coupled MOSFET technology, it provides
3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
By incorporating two independent single-pole relays
into a single 8-pin package, the XAA170 saves board
space by providing a more compact design solution
than two discrete single-pole relays in a variety of
applications.


Similar Part No. - XAA170STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
XAA170STR CLARE-XAA170STR Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
XAA170STR CLARE-XAA170STR Datasheet
139Kb / 6P
Dual Single Pole OptoMOS짰 Relay
More results

Similar Description - XAA170STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PAA127 IXYS-PAA127 Datasheet
139Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com