Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4355
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4355 Datasheet HTML 20Page - Analog Devices ADF4355 Datasheet HTML 21Page - Analog Devices ADF4355 Datasheet HTML 22Page - Analog Devices ADF4355 Datasheet HTML 23Page - Analog Devices ADF4355 Datasheet HTML 24Page - Analog Devices ADF4355 Datasheet HTML 25Page - Analog Devices ADF4355 Datasheet HTML 26Page - Analog Devices ADF4355 Datasheet HTML 27Page - Analog Devices ADF4355 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 24 of 35
1BITS[DB23:DB21] ARE BUFFERED BY A WRITE TO REGISTER 0 WHEN THE DOUBLE BUFFER BIT IS ENABLED, BIT DB14 OF REGISTER 4.
D3
RF OUT
0DISABLED
1
ENABLED
D2
D1
OUTPUT POWER
0
0
–4dBm
0
1
–1dBm
10+2dBm
11+5dBm
D5
D4
AUXILIARY OUTPUT POWER
0
0
–4dBm
0
1
–1dBm
10
+2dBm
11
+5dBm
D6
AUXILIARY OUT
0DISABLED
1
ENABLED
D8
MUTE TILL
LOCK DETECT
0
MUTE DISABLED
1
MUTE ENABLED
D13
FEEDBACK
SELECT
0
FUNDAMENTAL
1
DIVIDED
D12
D11
RF DIVIDER SELECT
00
÷1
00
÷2
01
÷4
01
÷8
D10
0
1
0
1
1
1
1
0
0
1
÷16
÷32
÷64
0
1
0
BL8
BL7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
BL2
BL1 BLEED CURRENT
0
0
0
1
1
(3.75µA)
0
0
1
0
2
(7.5µA)
..
.
.
.
..
.
.
.
..
.
.
.
1
1
0
0
252
(945µA)
1
1
0
1
253
(948.75µA)
1
1
1
0
254
(952.5µA)
1
1
1
1
255
(956.25µA)
BL9 BLEED CURRENT
0
ENABLED
1
DISABLED
BL10 GATED BLEED
0
ENABLED
1
DISABLED
RF DIVIDER
SELECT1
RF
OUTPUT
POWER
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
0
1
0
1
0
D13
D12
D11
D10
BL1
0
D8
0
D6
D5
D4
D3
D2
D1 C4(0) C3(1) C2(1)
CONTROL
BITS
CHARGE PUMP BLEED CURRENT
AUX RF
OUTPUT
POWER
RESERVED
C1(0)
BL2
BL3
BL4
BL5
BL6
BL7
BL8
BL9
BL10
Figure 36. Register 6
REGISTER 6
Control Bits
With Bits[C4:C1] set to 0110, Register 6 is programmed. Figure 36
shows the input data format for programming this register.
Reserved
Bit DB31 is reserved and must be set to 0.
Gated Bleed
Bleed currents can improve phase noise and spurs; however, due
to a potential impact on lock time, the gated bleed bit, BL10
(Bit DB30), if set to 1, ensures bleed currents are not switched
on until the digital lock detect asserts logic high. Note that this
function requires digital lock detect to be enabled.
Negative Bleed
Use of constant negative bleed is recommended for most
applications because it improves the linearity of the charge
pump leading to lower noise and spurs than leaving negative
bleed off. To enable negative bleed, write 1 to BL9 (Bit DB29),
and to disable negative bleed, write 0 to BL9 (Bit DB29).
Use negative bleed only when operating in fractional-N mode,
that is, FRAC1 or FRAC2 is not equal to 0. Do not use negative
bleed for fPFD greater than 100 MHz.
Reserved
Bits[DB28:DB25] are reserved and must be set to 1010.
Feedback Select
D13 (Bit DB24) selects the feedback from the output of the
VCO to the N counter. When D13 is set to 1, the signal is taken
directly from the VCO. When this bit is set to 0, the signal is
taken from the output of the output dividers. The dividers
enable coverage of the wide frequency band (54 MHz to
6800 MHz). When the divider is enabled and the feedback
signal is taken from the output, the RF output signals of two
separately configured PLLs are in phase. Divided feedback is
useful in some applications where the positive interference of
signals is required to increase the power.
RF Divider Select
D12 to D10 (Bits[DB23:DB21]) select the value of the RF output
divider (see Figure 36).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com