Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSMCS19 Datasheet(PDF) 4 Page - Schurter Inc.

Part # MSMCS19
Description  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS19 Datasheet(HTML) 4 Page - Schurter Inc.

  MSMCS19 Datasheet HTML 1Page - Schurter Inc. MSMCS19 Datasheet HTML 2Page - Schurter Inc. MSMCS19 Datasheet HTML 3Page - Schurter Inc. MSMCS19 Datasheet HTML 4Page - Schurter Inc. MSMCS19 Datasheet HTML 5Page - Schurter Inc. MSMCS19 Datasheet HTML 6Page - Schurter Inc. MSMCS19 Datasheet HTML 7Page - Schurter Inc. MSMCS19 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Metal Line Switches
MSM CS 19
https://www.schurter.com /PG70
Switches
MSM 19 CS BL Single color
MSM 19 CS AI RGB
NC
COM
NO
0.5
22
Mutter
nut
0.5
22
24
20
Verdrehsicherung
anti-rotation protection
illuminated area
M19x0.75
2.8
O-Ring
Leuchtfläche
2.8
Legend
A = Illumination Area
B = Actuating Area
C = Width Across Flats
D = Nut
Tolerance Range
Actuator Tolerance Range
The mounting tolerance range of the actuator varies from 0.2 mm projection length
and 0.2 mm short length to the housing edge. The slanting position of the actuator
can range within this tolerance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com