Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3345DW Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3345DW
Description  8-Bit Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3345DW Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3345DW Datasheet HTML 1Page - ON Semiconductor 74FST3345DW Datasheet HTML 2Page - ON Semiconductor 74FST3345DW Datasheet HTML 3Page - ON Semiconductor 74FST3345DW Datasheet HTML 4Page - ON Semiconductor 74FST3345DW Datasheet HTML 5Page - ON Semiconductor 74FST3345DW Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 1
1
Publication Order Number:
74FST3345/D
74FST3345
8−Bit Bus Switch
The ON Semiconductor 74FST3345 is an 8−bit, high performance
switch. The device is CMOS TTL compatible when operating between
4 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
The device consists of an 8−bit switch with two Output/Enable pins
(OE and OE).
Features
• R
ON
t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible with QS3345, FST3345, CBT3345
• All Popular Packages: QSOP−20, TSSOP−20, SOIC−20
• All Devices in Package TSSOP are Inherently Pb−Free*
OE
A2
A5
A4
A3
A1
A0
VCC
B1
B4
B3
B2
B0
OE
1
2
3
4
5
6
7
20
19
18
17
16
15
14
Figure 1. 20−Lead Pinout
A6
8
A7
9
GND
10
B5
13
B6
12
B7
11
OE
X
Inputs
H
L
OE
L
X
H
Connect
Connect
Function
TRUTH TABLE
Disconnect
9
1
11
OE
Figure 2. Logic Diagram
A7
B7
218
A0
B0
19
OE
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Description
PIN NAMES
OE1, OE2
1A, 2A
TSSOP−20
DT SUFFIX
CASE 948E
SOIC−20
DW SUFFIX
CASE 751D
MARKING
DIAGRAMS
Pin
Bus Switch Enables
Bus A
1B, 2B
Bus B
20
1
FST3345
AWLYYWW
1
20
20
1
FST
3345
ALYW
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
QSOP−20
QS SUFFIX
CASE 492A
1
20
FST3345
AWLYWW
20
1
20
1
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - 74FST3345DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3345DW ONSEMI-74FST3345DW Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345DW ONSEMI-74FST3345DW Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST3345DWR2 ONSEMI-74FST3345DWR2 Datasheet
189Kb / 6P
8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3345DWR2 ONSEMI-74FST3345DWR2 Datasheet
211Kb / 8P
10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
More results

Similar Description - 74FST3345DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3245 ONSEMI-74FST3245 Datasheet
85Kb / 8P
8-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3345 FAIRCHILD-FST3345 Datasheet
119Kb / 6P
8-Bit Bus Switch
logo
ON Semiconductor
74FST3244 ONSEMI-74FST3244 Datasheet
89Kb / 8P
8-Bit Bus Switch
January, 2005 ??Rev. 1
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245_05 Datasheet
185Kb / 5P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_05 Datasheet
134Kb / 5P
8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
8-Bit Bus Switch
FST3245 FAIRCHILD-FST3245_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
FST3345 FAIRCHILD-FST3345_08 Datasheet
439Kb / 9P
8-Bit Bus Switch
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
8-BIT FET BUS SWITCH
logo
ON Semiconductor
FST3245 ONSEMI-FST3245 Datasheet
600Kb / 9P
8-Bit Bus Switch
December 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com