Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG30IM300PC Datasheet(PDF) 5 Page - IXYS Corporation

Part # DPG30IM300PC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG30IM300PC Datasheet(HTML) 5 Page - IXYS Corporation

  DPG30IM300PC Datasheet HTML 1Page - IXYS Corporation DPG30IM300PC Datasheet HTML 2Page - IXYS Corporation DPG30IM300PC Datasheet HTML 3Page - IXYS Corporation DPG30IM300PC Datasheet HTML 4Page - IXYS Corporation DPG30IM300PC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DPG30IM300PC
0.0
0.4
0.8
1.2
1.6
2.0
10
20
30
40
50
60
70
80
0
200
400
600
20
30
40
50
60
70
0.001
0.01
0.1
1
10
0.1
1
0
40
80
120
160
0.2
0.4
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ
i
d
-
]
C
°
[
F /dt [A/μs]
t[s]
0
200
400
600
0
100
200
300
400
500
600
0
2
4
6
8
10
12
0
200
400
600
2
4
6
8
10
12
14
16
0
200
400
600
0.1
0.2
0.3
0.4
Q
rr
[μC]
V
F [V]
-di
F /dt [A/μs]
Z
thJC
[K/W]
I
RM
Q
rr
V
FR
t
fr
Fig. 1 Forward current
I
F versus VF
Fig. 2 Typ. reverse recov. charge
Q
rr versus -diF /dt
Fig. 3 Typ. reverse recov. current
I
RM versus -diF /dt
Fig. 4 Typ. dynamic parameters
Q
rr,IRM versus TVJ
Fig. 5 Typ. reverse recov. time
t
rr versus -diF /dt
Fig. 6 Typ. forward recov. voltage
V
FR &tfr versus diF /dt
Fig. 8 Transient thermal impedance junction to case
I
F
[A]
-di
F /dt [A/μs]
I
RM
[A]
t
rr
[ns]
-di
F /dt [A/μs]
tfr
[ns]
V
FR
[V]
0
200
400
600
2
4
6
8
10
12
14
16
E
rec
[μJ]
-di
F /dt [A/μs]
Fig. 7 Typ. recovery energy
E
rec versus -diF /dt
I
F =15A
30 A
60 A
T
VJ
= 125°C
V
R = 200 V
T
VJ = 150°C
25°C
I
F = 60 A
30 A
15 A
T
VJ =125°C
V
R = 200 V
I
F =60 A
30 A
15 A
T
VJ = 125°C
V
R = 200 V
T
VJ = 125°C
V
R = 200 V
I
F =60 A
30 A
15 A
T
VJ =125°C
V
R = 200 V
I
F
=30 A
Rthi [K/W]
0.139
0.176
0.305
0.23
ti [s]
0.00028
0.0033
0.028
0.17
Fast Diode
IXYS reserves the right to change limits, conditions and dimensions.
20131125b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com