Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS117P Datasheet(PDF) 4 Page - IXYS Corporation

Part # TS117P
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TS117P Datasheet(HTML) 4 Page - IXYS Corporation

  TS117P Datasheet HTML 1Page - IXYS Corporation TS117P Datasheet HTML 2Page - IXYS Corporation TS117P Datasheet HTML 3Page - IXYS Corporation TS117P Datasheet HTML 4Page - IXYS Corporation TS117P Datasheet HTML 5Page - IXYS Corporation TS117P Datasheet HTML 6Page - IXYS Corporation TS117P Datasheet HTML 7Page - IXYS Corporation TS117P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R10
TS117
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
RELAY PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Typical Turn-On Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
I
F=20mA
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
I
F=2mA
I
F=5mA
I
F=10mA
Typical Turn-Off Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
I
F=2mA
I
F=5mA
Typical On-Resistance
vs. Temperature
(I
F=2mA, IL=120mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Maximum Load Current
vs. Temperature
Temperature (ºC)
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
I
F=5mA
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 7&8
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100 s
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com