Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS190STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # TS190STR
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

TS190STR Datasheet(HTML) 1 Page - IXYS Corporation

  TS190STR Datasheet HTML 1Page - IXYS Corporation TS190STR Datasheet HTML 2Page - IXYS Corporation TS190STR Datasheet HTML 3Page - IXYS Corporation TS190STR Datasheet HTML 4Page - IXYS Corporation TS190STR Datasheet HTML 5Page - IXYS Corporation TS190STR Datasheet HTML 6Page - IXYS Corporation TS190STR Datasheet HTML 7Page - IXYS Corporation TS190STR Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
TS190
Multifunction Telecom Switch
www.ixysic.com
DS-TS190-R06
1
e3
Pb
Applications
Features
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Description
Ordering Information
Part #
Description
TS190
8-Pin DIP (50/Tube)
TS190P
8-Pin Flatpack (50/Tube)
TS190PTR
8-Pin Flatpack (1000/Reel)
TS190S
8-Pin Surface Mount (50/Tube)
TS190STR
8-Pin Surface Mount (1000/Reel)
Switching Characteristics
of Normally Open Devices
Approvals
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
22
1
2
3
4
8
7
6
5
+ LED - Relay
- LED - Relay
Collector - Phototransistor
Emitter - Phototransistor
Load - Relay (MOSFET Output)
Load - Relay (MOSFET Output)
LED - Phototransistor -/+
LED - Phototransistor +/-
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950 Certified Component:
TUV Certificate: B 10 05 49410 006
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
The TS190 integrated circuit device combines a
400V, normally open (1-Form-A) relay with an
optocoupler in a single package. The relay, with
enhanced peak load current handling capability, uses
optically coupled MOSFET technology to provide
3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Telecom circuit designers, using the TS190, can now
take advantage of two discrete functions in a single
component that uses less space than traditional
discrete component solutions.


Similar Part No. - TS190STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS190STR CLARE-TS190STR Datasheet
448Kb / 8P
Multifunction Telecom Switch
More results

Similar Description - TS190STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS112 CLARE-TS112 Datasheet
115Kb / 7P
Multifunction Telecom Switch
TS112N CLARE-TS112N Datasheet
405Kb / 7P
Multifunction Telecom Switch
TS117 CLARE-TS117 Datasheet
122Kb / 8P
Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
Multifunction Telecom Switch
XS170 CLARE-XS170 Datasheet
100Kb / 7P
Multifunction Telecom Switch
logo
IXYS Corporation
TS117L IXYS-TS117L Datasheet
141Kb / 8P
Multifunction Telecom Switch
TS120 IXYS-TS120 Datasheet
142Kb / 8P
Multifunction Telecom Switch
TS122 IXYS-TS122 Datasheet
140Kb / 8P
Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com