Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8129AR Datasheet(PDF) 17 Page - Analog Devices

Part # AD8129AR
Description  Low-Cost 270 MHz Differential Receiver Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129AR Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8129AR Datasheet HTML 13Page - Analog Devices AD8129AR Datasheet HTML 14Page - Analog Devices AD8129AR Datasheet HTML 15Page - Analog Devices AD8129AR Datasheet HTML 16Page - Analog Devices AD8129AR Datasheet HTML 17Page - Analog Devices AD8129AR Datasheet HTML 18Page - Analog Devices AD8129AR Datasheet HTML 19Page - Analog Devices AD8129AR Datasheet HTML 20Page - Analog Devices AD8129AR Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. 0
AD8129/AD8130
–17–
250mV
5.00ns
G = 20
CL = 20pF
VOUT = 1V p-p
TPC 100. AD8129 Transient Response,
VOUT = 1 V p-p, VS =
±2.5 V to ±12 V
1.00V
5.00ns
VIN
VOUT
TPC 103. AD8129 Transient Response
with +3.5 V Common-Mode Input
1.00V
12.5ns
G = 50
VS = 5V
CL = 20pF
4V p-p
2V p-p
1V p-p
TPC 106. AD8129 Transient Response
vs. Output Amplitude, VOUT = 1 V p-p,
2 V p-p, 4 V p-p
500mV
5.00ns
G = 20
CL = 20pF
VOUT = 2V p-p
TPC 101. AD8129 Transient Response,
VOUT = 2 V p-p, VS =
±5 V
VOUT
VIN
TPC 104. AD8129 Transient Response
with –3.5 V Common-Mode Input
2.00V
12.5ns
G = 50
VS = 5V
CL = 20pF
VOUT = 8V p-p
TPC 107. AD8129 Transient Response,
VOUT = 8 V p-p, G = 50, VS =
±5 V
2.00V
5.00ns
G = 20
CL = 20pF
VOUT = 8V p-p
TPC 102. AD8129 Transient Response,
VOUT = 8 V p-p, VS =
±5 V
2.50V
5.00ns
G = 20
VS = 12V
CL = 20pF
VOUT = 10V p-p
TPC 105. AD8129 Transient Response,
VOUT = 10 V p-p, G = 20
5.00V
12.5ns
G = 50
VS = 12V
CL = 10pF
VOUT = 20V p-p
TPC 108. AD8129 Transient Response,
VOUT = 20 V p-p, G = 50, VS =
±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com