Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT80GP60B2 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT80GP60B2
Description  POWER MOS 7 IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT80GP60B2 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT80GP60B2 Datasheet HTML 1Page - Advanced Power Technology APT80GP60B2 Datasheet HTML 2Page - Advanced Power Technology APT80GP60B2 Datasheet HTML 3Page - Advanced Power Technology APT80GP60B2 Datasheet HTML 4Page - Advanced Power Technology APT80GP60B2 Datasheet HTML 5Page - Advanced Power Technology APT80GP60B2 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT80GP60B2
T
J
= 125°C, VGE = 10V or 15V
T
J
= 25°C, VGE = 10V or 15V
V
GE =
15V,TJ=125°C
VGE= 15V
V
GE =
15V,TJ=25°C
T
J
= 25°C, VGE = 10V or 15V
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
I
CE
, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
R
G
, GATE RESISTANCE (OHMS)
T
J
, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
Eon240A
Eoff80A
Eon280A
Eon2120A
Eoff120A
Eoff40A
Eon240A
Eoff80A
Eon280A
Eon2120A
Eoff120A
Eoff40A
T
J
= 25 or 125°C,VGE = 15V
TJ=125°C, VGE=15V
T
J
= 125°C, VGE = 10V or 15V
TJ = 25°C, VGE=15V
VCE = 400V
TJ = 25°C, TJ =125°C
RG = 5Ω
L = 100 µH
VCE = 400V
RG = 5Ω
L = 100 µH
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
10
30
50
70
90
110
130
5
10
15
20
25
30
0
25
50
75
100
125
VCE = 400V
VGE = +15V
RG = 5Ω
40
35
30
25
20
15
10
5
0
70
60
50
40
30
20
10
0
4000
3500
3000
2500
2000
1500
1000
500
0
6000
5000
4000
3000
2000
1000
0
VCE = 400V
VGE = +15V
T
J = 125°C
VCE = 400V
RG = 5Ω
L = 100 µH
VCE = 400V
RG = 5Ω
L = 100 µH
180
160
140
120
100
80
60
40
20
0
140
120
100
80
60
40
20
0
4000
3000
2000
1000
0
4000
3000
2000
1000
0
VCE = 400V
RG = 5Ω
L = 100 µH
VCE = 400V
RG = 5Ω
L = 100 µH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com