Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G07DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC3G07DP
Description  Triple buffer with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G07DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC3G07DP Datasheet HTML 1Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 2Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
9397 750 14542
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
3 of 14
Philips Semiconductors
74LVC3G07
Triple buffer with open-drain output
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one driver)
mnb136
3A
3Y
6
2
2A
2Y
3
5
1A
1Y
1
7
mnb137
2
6
3Y
3A
5
3
2Y
2A
7
1
1
1
1
1Y
1A
mna591
Y
A
GND
Fig 4.
Pin configuration VSSOP8 and
TSSOP8
Fig 5.
Pin configuration XSON8
07
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aab022
1
2
3
4
6
5
8
7
07
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aac022
36
27
18
45
Transparent top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com