Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX431BA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX431BA
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX431BA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX431BA Datasheet HTML 1Page - List of Unclassifed Manufacturers AX431BA Datasheet HTML 2Page - List of Unclassifed Manufacturers AX431BA Datasheet HTML 3Page - List of Unclassifed Manufacturers AX431BA Datasheet HTML 4Page - List of Unclassifed Manufacturers AX431BA Datasheet HTML 5Page - List of Unclassifed Manufacturers AX431BA Datasheet HTML 6Page - List of Unclassifed Manufacturers AX431BA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page No. : 2/7
AVANTICS - AX431 Series
Specification No.: 050308-FE0001
Functional Block Diagram & Symbol
Test Circuits
Electrical Characteristics (T
A=25
oC unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
AX431AN/AM/AA/AS
2.445
2.495
2.545
AX431BN/BM/BA/BS
2.470
2.495
2.520
Reference Input
Voltage (Fig1)
AX431CN/CM/CA/CS
V
REF
V
K=VREF, IK=10mA
2.483
2.495
2.507
V
Deviation of Reference Input Voltage Over-
Temperature (Fig1)
V
REF(dev)
V
K=VREF, IK=10mA
T
min
≤Ta≤Tmax
-4
17
mV
I
K=10mA,
∆VK=10V to VREF
-
-1.4
-2.7
mV/V
Ratio of Change in Reference Input Voltage
to the Change in Cathode Voltage (Fig2)
∆VREF /
∆VK
I
K=10mA,
∆VK=36V to 10V
-
-1.0
-2.0
mV/V
Reference Input Current (Fig2)
I
REF
I
K=10mA, R1=10k
Ω,
R
2=
∞
-2
4
uA
Deviation of Reference Input Current Over
Full Temperature Range (Fig2)
I
REF(dev)
I
K=10mA, R1=10k
Ω,
R
2=
∞, Ta=Full Range
-0.4
1.2
uA
Minimum Cathode Current for Regulation (Fig1)
I
K(min)
V
K=VREF
-0.4
1.0
mA
Off-State Cathode Current (Fig3)
I
K(off)
V
K=36V, VREF=0
-
0.1
1.0
uA
Dynamic Output Impedance (Fig1)
Z
K
V
K=VREF, f
≤1kHz
I
K=1 to 100mA
-0.2
0.5
Ω
Functional Block Diagram
Symbol
Fig 1. V
K=VREF
Fig 2. V
K>VREF
Fig 3. Off-State Current
Reference
Anode
Cathode
IN
V
K
I
I
I
REF
V
REF
I
K
R
1
I
I
V
K
IN
I
REF
I
K
R
2
V
REF
Note: VK=VREF(1+R1/R2)+IREFxR1
IN
V
K
I
OFF
+
-
V
Anode
Reference
Cathode
REF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com