Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX431CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AX431CS
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX431CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AX431CS Datasheet HTML 1Page - List of Unclassifed Manufacturers AX431CS Datasheet HTML 2Page - List of Unclassifed Manufacturers AX431CS Datasheet HTML 3Page - List of Unclassifed Manufacturers AX431CS Datasheet HTML 4Page - List of Unclassifed Manufacturers AX431CS Datasheet HTML 5Page - List of Unclassifed Manufacturers AX431CS Datasheet HTML 6Page - List of Unclassifed Manufacturers AX431CS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page No. : 5/7
AVANTICS - AX431 Series
Specification No.: 050308-FE0001
SOT-23 Dimension
SOT-89 Dimension
3
2
1
A
B
C
D
E
F
G
H
I
J
DIM
Min.
Max.
A
4.40
4.60
B
4.05
4.25
C
1.50
1.70
D
2.40
2.60
E
0.36
0.51
F
*1.50
-
G
*3.00
-
H
1.40
1.60
I
0.35
0.41
*: Typical, Unit: mm
Marking:
Date Code
Control Code
X 431
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
A
Note: Green label is used for pb-free packing
Pin Style: 1.Reference 2.Anode 3.Cathode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-89 Plastic
Surface Mounted Package
AVANTICS Package Code: M
H
J
K
D
A
L
G
V
C
B
3
2
1
S
DIM
Min.
Max.
A
2.80
3.04
B
1.20
1.60
C
0.89
1.30
D
0.30
0.50
G
1.70
2.30
H
0.013
0.10
J
0.085
0.177
K
0.32
0.67
L
0.85
1.15
S
2.10
2.75
V
0.25
0.65
*: Typical, Unit: mm
Marking:
Pb Free Mark
Pb-Free: " " (Note)
Normal: None
43 1
Note: Pb-free product can distinguish by the green
label or the extra description on the right
side of the label.
Pin Style: 1.Reference 2.Cathode 3.Anode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-23 Plastic
Surface Mounted Package
AVANTICS Package Code: N



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com