Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX432DA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX432DA
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX432DA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX432DA Datasheet HTML 1Page - List of Unclassifed Manufacturers AX432DA Datasheet HTML 2Page - List of Unclassifed Manufacturers AX432DA Datasheet HTML 3Page - List of Unclassifed Manufacturers AX432DA Datasheet HTML 4Page - List of Unclassifed Manufacturers AX432DA Datasheet HTML 5Page - List of Unclassifed Manufacturers AX432DA Datasheet HTML 6Page - List of Unclassifed Manufacturers AX432DA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/7
AVANTICS - AX432 Series
Specification No.: 050308-FE0002
AX432 Series
Adjustable Shunt Regulator
Description
The AX432 series are three-terminal adjustable regulators with
guaranteed thermal stability over applicable temperature ranges. The
output voltage may be set to any value between V
REF (approximately 1.24
or 1.25 volts) and 30 volts with two external resistors. These devices have
a typical dynamic output impedance of 0.2
Ω. Active output circuitry
provides a very sharp turn-on characteristic, making these devices
excellent replacement for zener diodes in many applications.
Features
• Programmable output voltage
• Temperature coefficient is 50ppm/oC typical
• Temperature compensated for operation over full temperature range
• Low output noise voltage
• Fast turn on response
Ordering Information
Package
V
REF
1.24V
±2%
V
REF
1.24V
±1%
V
REF
1.24V
±0.5%
V
REF
1.25V
±2%
V
REF
1.25V
±1%
V
REF
1.25V
±0.5%
SOT-23
AX432AN
AX432BN
AX432CN
AX432DN
AX432EN
AX432FN
SOT-89
AX432AM
AX432BM
AX432CM
AX432DM
AX432EM
AX432FM
TO-92
AX432AA
AX432BA
AX432CA
AX432DA
AX432EA
AX432FA
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified)
Characteristics
Symbol
Value
Unit
Cathode Voltage
V
KA
30
V
Cathode Current Range (Continuous)
I
K
50
mA
Reference Input Current Range
I
REF
0.05~+10
mA
SOT-23
280
SOT-89
770
Power Dissipation
P
D
TO-92
770
mW
Operating Temperature Range
T
opr
0~+70
o
C
Junction Temperature
T
J
150
o
C
Storage Temperature Range
T
stg
-65~+150
o
C
Operating Conditions
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Cathode Voltage
V
KA
V
REF
-30
V
Cathode Current Range (Continuous)
I
K
110
-
mA
AX432 Series Pin Assignment
3-Lead Plastic SOT-89
Package Code: M
Pin 1: Reference
Pin 2: Anode
Pin 3: Cathode
3-Lead Plastic SOT-23
Package Code: N
Pin 1: Reference
Pin 2: Cathode
Pin 3: Anode
1 2
3
3-Lead Plastic TO-92
Package Code: A
Pin 1: Reference
Pin 2: Anode
Pin 3: Cathode
1
2
3
1 2
3
1 2
3


Similar Part No. - AX432DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX431 ETC-AX431 Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AA ETC-AX431AA Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AM ETC-AX431AM Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AN ETC-AX431AN Datasheet
184Kb / 7P
Adjustable Shunt Regulator
AX431AS ETC-AX431AS Datasheet
184Kb / 7P
Adjustable Shunt Regulator
More results

Similar Description - AX432DA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
GTM CORPORATION
G431M GTM-G431M Datasheet
284Kb / 3P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com