Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX432EN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX432EN
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX432EN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX432EN Datasheet HTML 1Page - List of Unclassifed Manufacturers AX432EN Datasheet HTML 2Page - List of Unclassifed Manufacturers AX432EN Datasheet HTML 3Page - List of Unclassifed Manufacturers AX432EN Datasheet HTML 4Page - List of Unclassifed Manufacturers AX432EN Datasheet HTML 5Page - List of Unclassifed Manufacturers AX432EN Datasheet HTML 6Page - List of Unclassifed Manufacturers AX432EN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page No. : 2/7
AVANTICS - AX432 Series
Specification No.: 050308-FE0002
Functional Block Diagram & Symbol
Test Circuits
Electrical Characteristics (T
A=25
oC unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
AX432AN/AM/AA
1.215
1.24
1.265
AX432BN/BM/BA
1.228
1.24
1.252
AX432CA/CM/CA
1.234
1.24
1.246
AX432DN/DM/DA
1.225
1.25
1.275
AX432EN/EM/EA
1.238
1.25
1.262
Reference Input
Voltage (Fig1)
AX432FN/FM/FA
V
REF
V
K=VREF, IK=10mA
1.244
1.25
1.256
V
Deviation of Reference Input Voltage Over-
Temperature (Fig1)
V
REF(dev)
V
K=VREF, IK=10mA
T
min
≤Ta≤Tmax
-4
17
mV
I
K=10mA,
∆VK=10V to VREF
-
-1.4
-2.7
mV/V
Ratio of Change in Reference Input Voltage to
the Change in Cathode Voltage (Fig2)
∆VREF /
∆VK
I
K=10mA,
∆VK=30V to 10V
--1
-2
mV/V
Reference Input Current (Fig2)
I
REF
I
K=10mA, R1=10k
Ω,
R
2=
∞
-1
4
uA
Deviation of Reference Input Current Over
Full Temperature Range (Fig2)
I
REF(dev)
I
K=10mA, R1=10k
Ω,
R
2=
∞, Ta=Full Range
-0.4
1.2
uA
Minimum Cathode Current for Regulation (Fig1)
I
K(min)
V
K=VREF
-0.4
1
mA
Off-State Cathode Current (Fig3)
I
K(off)
V
K=30V, VREF=0
-
0.1
1
uA
Functional Block Diagram
Symbol
Fig 1. V
K=VREF
Fig 2. V
K>VREF
Fig 3. Off-State Current
Reference
Anode
Cathode
V
IN
V
K
I
I
I
REF
V
REF
I
K
R
1
I
I
V
K
V
IN
I
REF
I
K
R
2
V
REF
Note: VK=VREF(1+R1/R2)+IREFxR1
V
IN
V
K
I
OFF
+
-
V
Anode
Reference
Cathode
REF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com