Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF60C200HB Datasheet(PDF) 3 Page - IXYS Corporation

Part # DPF60C200HB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPF60C200HB Datasheet(HTML) 3 Page - IXYS Corporation

  DPF60C200HB Datasheet HTML 1Page - IXYS Corporation DPF60C200HB Datasheet HTML 2Page - IXYS Corporation DPF60C200HB Datasheet HTML 3Page - IXYS Corporation DPF60C200HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DPF60C200HB
Ratings
Product Marking
Date Code
Part No.
Logo
IXYS
abcd
Assembly Code
Zyyww
Assembly Line
XXXXXXXXX
D
P
F
60
C
200
HB
Part number
Diode
HiPerFRED
ultra fast
Common Cathode
TO-247AD (3)
=
=
=
DPG60C200HB
TO-247AD (3)
200
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
Package
Top
°C
M
D
Nm
1.2
mounting torque
0.8
T
VJ
°C
175
virtual junction temperature
-55
Weight
g
6
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
F
C
N
120
mounting force with clip
20
I
RMS
RMS current
50
A
per terminal
150
-55
DPG60C200QB
DPF80C200HB
TO-3P (3)
TO-247AD (3)
200
200
TO-247
Similar Part
Package
Voltage class
DPF60C200HJ
ISOPLUS247 (3)
200
Delivery Mode
Quantity
Code No.
Part Number
Marking on Product
Ordering
1)
DPF60C200HB
511115
Tube
30
DPF60C200HB
Standard
T
stg
°C
150
storage temperature
-55
threshold voltage
V
0.67
mΩ
V0 max
R0 max
slope resistance *
4
Equivalent Circuits for Simulation
T
=
VJ
I
V0
R0
Fast
Diode
175 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20131101a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com