Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPF80C200HB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DPF80C200HB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPF80C200HB Datasheet(HTML) 2 Page - IXYS Corporation

  DPF80C200HB Datasheet HTML 1Page - IXYS Corporation DPF80C200HB Datasheet HTML 2Page - IXYS Corporation DPF80C200HB Datasheet HTML 3Page - IXYS Corporation DPF80C200HB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPF80C200HB
preliminary
ns
6
A
T
VJ =°C
reverse recovery time
A
11
55
85
ns
I
RM
max. reverse recovery current
IF =A;
40
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
100
TVJ =°C
25
T= 125°C
VJ
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
1.22
R
0.7 K/W
R
min.
40
VRSM
V
1
T
= 25°C
VJ
T
=
°C
VJ
mA
0.2
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
145
P
tot
215
W
T
= 25°C
C
R
K/W
40
200
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
1.45
T
= 25°C
VJ
150
V
F0
V
0.67
T
=
°C
VJ
175
rF
5.8
mΩ
V
0.95
T
=
°C
VJ
I =
A
F
V
40
1.20
I =
A
F
80
I =
A
F
80
threshold voltage
slope resistance
for power loss calculation only
µA
150
VRRM
V
200
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
81
junction capacitance
V =
V
100
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
175
560
A
200
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Fast Diode
200
0.25
IXYS reserves the right to change limits, conditions and dimensions.
20131101a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com