Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX432FN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AX432FN
Description  Adjustable Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX432FN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AX432FN Datasheet HTML 1Page - List of Unclassifed Manufacturers AX432FN Datasheet HTML 2Page - List of Unclassifed Manufacturers AX432FN Datasheet HTML 3Page - List of Unclassifed Manufacturers AX432FN Datasheet HTML 4Page - List of Unclassifed Manufacturers AX432FN Datasheet HTML 5Page - List of Unclassifed Manufacturers AX432FN Datasheet HTML 6Page - List of Unclassifed Manufacturers AX432FN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page No. : 6/7
AVANTICS - AX432 Series
Specification No.: 050308-FE0002
SOT-23 Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of AVANTIC.
• AVANTICS reserves the right to make changes to its products without notice.
• AVANTICS semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• AVANTICS assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office:
• AVANTICS Microelectronics Corp: No. 255, Cai Lun Rd. Zhangjiang Technology Industrial Park Pudong, Shanghai, China
Tel: 86-021-58955599 Fax: 86-021-58558038
H
J
K
D
A
L
G
V
C
B
3
2
1
S
DIM
Min.
Max.
A2.80
3.04
B1.20
1.60
C0.89
1.30
D0.30
0.50
G1.70
2.30
H
0.013
0.10
J
0.085
0.177
K0.32
0.67
L0.85
1.15
S2.10
2.75
V0.25
0.65
*: Typical, Unit: mm
Marking:
Pb Free Mark
Pb-Free: " " (Note)
Normal: None
43 2
Note: Pb-free product can distinguish by the green
label or the extra description on the right
side of the label.
Pin Style: 1.Reference 2.Cathode 3.Anode
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-23 Plastic
Surface Mounted Package
AVANTICS Package Code: N



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com